Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 21Page - STMicroelectronics L7292 Datasheet HTML 22Page - STMicroelectronics L7292 Datasheet HTML 23Page - STMicroelectronics L7292 Datasheet HTML 24Page - STMicroelectronics L7292 Datasheet HTML 25Page - STMicroelectronics L7292 Datasheet HTML 26Page - STMicroelectronics L7292 Datasheet HTML 27Page - STMicroelectronics L7292 Datasheet HTML 28Page - STMicroelectronics L7292 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
DocID028601 Rev 1
25/60
L7292
I2C interface
60
8.3.5
Register bank addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the device select code (on
Serial Data (SDA), the most significant bit first). The device select code consists of a 7-bit
device type identifier which for the L7292 device is 0x7C.
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the device select code, the corresponding device gives an
acknowledgment on Serial Data (SDA) during the 9th bit time. If the device does not match
the device select code, it deselects itself from the bus.
8.3.6
Write operations
Following a Start condition the bus master sends a device select code with the Read/Write
bit (RW) reset to 0. The device acknowledges this and waits for one address bytes. The
device responds to the address byte with an acknowledge bit, and then waits for the data
byte.
A Write instruction issued on a Read Only or a reserved address does not modify the
register contents.
8.3.7
Byte Write
After the device selects the code and the address byte, the bus master sends one data byte.
After the data byte the device responds with an ACK bit, also if the address is read only or
reserved. The bus master terminates the transfer by generating a Stop condition or
a repeated Start condition.
8.3.8
Sequential Write
The Sequential Write mode allows up to all bytes to be written in a single Write cycle. After
each byte is transferred, the internal byte address counter is incremented. The transfer is
terminated by the bus master generating a Stop condition.
Figure 7. Byte Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com