Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 8Page - STMicroelectronics L7292 Datasheet HTML 9Page - STMicroelectronics L7292 Datasheet HTML 10Page - STMicroelectronics L7292 Datasheet HTML 11Page - STMicroelectronics L7292 Datasheet HTML 12Page - STMicroelectronics L7292 Datasheet HTML 13Page - STMicroelectronics L7292 Datasheet HTML 14Page - STMicroelectronics L7292 Datasheet HTML 15Page - STMicroelectronics L7292 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Electrical characteristics
L7292
12/60
DocID028601 Rev 1
5
Electrical characteristics
All specifications are for -30 °C < TA < 85°C, ALL SUPx = 5 V, VBUS = 3.3 V (≤ VSUP)
unless otherwise noted.
5.1
Recommended operating conditions
Performance specifications do not apply when the device is operated outside the
recommended conditions, unless otherwise indicated.
5.2
Bias DC characteristics
Table 4. Recommended operating conditions
Parameter
Min.
Typ.
Max.
Unit
SUP, SUP14 - 2 - 3 - 5, SUPDR voltage(1)
1. The “min.” value reported is referring to the typical value of undervoltage threshold distribution.
2.7
5.5
V
VBUS voltage
1.72
3.63
Ambient temperature, TA
-30
85
°C
Total power dissipation, with device appropriately mounted(2)
QFN 5 x 5 x 0.9 40L
2. Device mounted on the multilayer PCB with appropriate thermal optimization. If multiple ratings are listed
for the same parameter, all apply simultaneously.
2.2
W
Table 5. Bias DC characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
LDO INT output voltage
Cout = 1.0
F, Iload = 0
1.8
V
Deep sleep mode quiescent supply
current
VSUP = 5 V
REGCTRL bit 7 = 1 BUCK1
- 2 - 4 - 5 = OFF
BUCK3 = ON no load
60
µA
Quiescent supply current
VSUP = 5 V
REGCTRL bit 7 = 0 BUCK1
- 2 - 3 - 4 - 5 = ON no load
175
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com