Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 9Page - STMicroelectronics L7292 Datasheet HTML 10Page - STMicroelectronics L7292 Datasheet HTML 11Page - STMicroelectronics L7292 Datasheet HTML 12Page - STMicroelectronics L7292 Datasheet HTML 13Page - STMicroelectronics L7292 Datasheet HTML 14Page - STMicroelectronics L7292 Datasheet HTML 15Page - STMicroelectronics L7292 Datasheet HTML 16Page - STMicroelectronics L7292 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
DocID028601 Rev 1
13/60
L7292
Electrical characteristics
60
5.3
Interface
5.3.1
I2C electrical specification
Note:
For others parameters refer to I2C bus specifications.
5.3.2
MODA, MODB
5.4
EEPROM
Table 6. I2C electrical specification
Parameter
Conditions
Min.
Typ.
Max.
Unit
Digital high level input voltage, VIH
SDA, SCL
0.7 * VBUS
VBUS + 0.3
V
Digital low level input voltage, VIL
SDA, SCL
-0.3
0.3 * VBUS
V
Digital low level output voltage, VOL
SDA
ILOAD = 1 mA
-0.3
0.3 * VBUS
V
Digital high level output voltage, VOH
SDA
ILOAD = 1 mA
0.7 * VBUS
VBUS + 0.3
V
Input bias current
SDA, SCL = VBUS
1
µA
Input bias current
SDA, SCL = 0 V
-1
µA
Input capacitance
SDA
10
pF
Table 7. MODA, MODB
Parameter
Conditions
Min.
Typ.
Max.
Unit
Digital high level input voltage, VIH
MODA, MODB
0.7 * VBUS
VBUS + 0.3
V
Digital low level input voltage, VIL
MODA, MODB
-0.3
0.3 * VBUS
V
Table 8. EEPROM
Parameter
Conditions
Min.
Typ.
Max.
Unit
Programming time
1 page = 8 bytes
parallel programming
30
ms
Allowable write cycles
1000
Write voltage
2.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com