Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 38Page - STMicroelectronics L7292 Datasheet HTML 39Page - STMicroelectronics L7292 Datasheet HTML 40Page - STMicroelectronics L7292 Datasheet HTML 41Page - STMicroelectronics L7292 Datasheet HTML 42Page - STMicroelectronics L7292 Datasheet HTML 43Page - STMicroelectronics L7292 Datasheet HTML 44Page - STMicroelectronics L7292 Datasheet HTML 45Page - STMicroelectronics L7292 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
Buck regulator description
L7292
42/60
DocID028601 Rev 1
SEQCFG.DLY1 - Delay 1 - delay before de-assert POR (if enabled) and before starting
sequence (if enabled)
If SEQCFG Bit 7 = 0
0x0: 10 ms
0x1: 12 ms
0x2: 14 ms
0x3: 16 ms
0x4: 18 ms
0x5: 20 ms
0x6: 22 ms
0x7: 24 ms
If SEQCFG Bit 7 = 1
Delay1 = 8 ms
At the power up two conditions have to be asserted before to enable the ON phase of
switching regulators.
1.
LDO INT voltage = 1.8 V
2.
SUP voltage ≥ 2.8 V
When these conditions are asserted the default conditions stored in the EEPROM are
performed.
During this phase the comparators related to each BUCKx and Vsupply track the output
voltage with the threshold defined by the regulator adjustment bits.
After the BUCKx, Vsupplyx, and LDO INT are good, a programmable reset delay timeout
begins. After the programmed delay, the POR pin is pulled high through the internal pull-up
resistor to VBUS enabling the entire functionalities.
The timing detail is as follows (based on the default soft-start order and delays programmed
in the EEPROM): when the last start-up of regulators has ended (BUCK2 is the last one in
soft-start sequence, by default), it starts the count of two Delay 2, and then the POR delay
count (Delay 1) begins.
This means that with the default settings (Dly 1 = 8 ms, Dly 2 = 0.5 ms), the POR is released
and starts to be pulled up through the internal resistor 9 ms after the end of the start-up
routine of the last regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com