Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 29Page - Infineon Technologies AG C161PI Datasheet HTML 30Page - Infineon Technologies AG C161PI Datasheet HTML 31Page - Infineon Technologies AG C161PI Datasheet HTML 32Page - Infineon Technologies AG C161PI Datasheet HTML 33Page - Infineon Technologies AG C161PI Datasheet HTML 34Page - Infineon Technologies AG C161PI Datasheet HTML 35Page - Infineon Technologies AG C161PI Datasheet HTML 36Page - Infineon Technologies AG C161PI Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
&3,
Data Sheet
31
1999-07
Special Function Registers Overview
The following table lists all SFRs which are implemented in the C161PI in alphabetical
order.
Bit-addressable SFRs are marked with the letter “b” in column “Name”. SFRs within the
Extended SFR-Space (ESFRs) are marked with the letter “E” in column “Physical
Address”. Registers within on-chip X-Peripherals (I²C) are marked with the letter “X” in
column “Physical Address”.
An SFR can be specified via its individual mnemonic name. Depending on the selected
addressing mode, an SFR can be accessed via its physical address (using the Data
Page Pointers), or via its short 8-bit address (without using the Data Page Pointers).
Table 5
C161PI Registers, Ordered by Name
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value
ADCIC
b FF98
H
CC
H
A/D Converter End of Conversion
Interrupt Control Register
0000
H
ADCON
b FFA0
H
D0
H
A/D Converter Control Register
0000
H
ADDAT
FEA0
H
50
H
A/D Converter Result Register
0000
H
ADDAT2
F0A0
H
E 50
H
A/D Converter 2 Result Register
0000
H
ADDRSEL1
FE18
H
0C
H
Address Select Register 1
0000
H
ADDRSEL2
FE1A
H
0D
H
Address Select Register 2
0000
H
ADDRSEL3
FE1C
H
0E
H
Address Select Register 3
0000
H
ADDRSEL4
FE1E
H
0F
H
Address Select Register 4
0000
H
ADEIC
b FF9A
H
CD
H
A/D Converter Overrun Error Interrupt
Control Register
0000
H
BUSCON0 b FF0C
H
86
H
Bus Configuration Register 0
0000
H
BUSCON1 b FF14
H
8A
H
Bus Configuration Register 1
0000
H
BUSCON2 b FF16
H
8B
H
Bus Configuration Register 2
0000
H
BUSCON3 b FF18
H
8C
H
Bus Configuration Register 3
0000
H
BUSCON4 b FF1A
H
8D
H
Bus Configuration Register 4
0000
H
CAPREL
FE4A
H
25
H
GPT2 Capture/Reload Register
0000
H
CC8IC
b FF88
H
C4
H
External Interrupt 0 Control Register
0000
H
CC9IC
b FF8A
H
C5
H
External Interrupt 1 Control Register
0000
H
CC10IC
b FF8C
H
C6
H
External Interrupt 2 Control Register
0000
H
CC11IC
b FF8E
H
C7
H
External Interrupt 3 Control Register
0000
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com