Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 38Page - Infineon Technologies AG C161PI Datasheet HTML 39Page - Infineon Technologies AG C161PI Datasheet HTML 40Page - Infineon Technologies AG C161PI Datasheet HTML 41Page - Infineon Technologies AG C161PI Datasheet HTML 42Page - Infineon Technologies AG C161PI Datasheet HTML 43Page - Infineon Technologies AG C161PI Datasheet HTML 44Page - Infineon Technologies AG C161PI Datasheet HTML 45Page - Infineon Technologies AG C161PI Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
&3,
Data Sheet
40
1999-07
Power-down mode supply
current (5V) with RTC running
,
PDR5
8)
–200 +
25*
I
OSC
µA
9
DD = 9DDmax
I
OSC in [MHz]
9)
Power-down mode supply
current (5V) with RTC disabled
,
PDO5
–50
µA
9
DD = 9DDmax
9)
1) This specification is not valid for outputs which are switched to open drain mode. In this case the respective
output will float and the voltage results from the external circuitry.
2) These parameters describe the RSTIN pullup, which equals a resistance of ca. 50 to 250 K
Ω.
3) The maximum current may be drawn while the respective signal line remains inactive.
4) The minimum current must be drawn in order to drive the respective signal line active.
5) This specification is only valid during Reset, or during Hold- or Adapt-mode. During Hold mode Port 6 pins are
only affected, if they are used (configured) for CS output and the open drain function is not enabled.
6) Not 100% tested, guaranteed by design characterization.
7) The supply current is a function of the operating frequency. This dependency is illustrated in the figure below.
These parameters are tested at
9
DDmax and maximum CPU clock with all outputs disconnected and all inputs
at
9
IL or 9IH.
The oscillator also contributes to the total supply current. The given values refer to the worst case, ie. I
PDRmax.
For lower oscillator frequencies the respective supply current can be reduced accordingly.
8) This parameter is determined mainly by the current consumed by the oscillator. This current, however, is
influenced by the external oscillator circuitry (crystal, capacitors). The values given refer to a typical circuitry
and may change in case of a not optimized external oscillator circuitry.
9) This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 V to
0.1 V or at
9
DD – 0.1 V to 9DD, 9REF = 0 V, all outputs (including pins configured as outputs) disconnected.
DC Characteristics (Standard Supply Voltage Range) (continued)
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com