Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 33Page - Infineon Technologies AG C161PI Datasheet HTML 34Page - Infineon Technologies AG C161PI Datasheet HTML 35Page - Infineon Technologies AG C161PI Datasheet HTML 36Page - Infineon Technologies AG C161PI Datasheet HTML 37Page - Infineon Technologies AG C161PI Datasheet HTML 38Page - Infineon Technologies AG C161PI Datasheet HTML 39Page - Infineon Technologies AG C161PI Datasheet HTML 40Page - Infineon Technologies AG C161PI Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
&3,
Data Sheet
35
1999-07
T14REL
F0D0
H
E 68
H
RTC Timer 14 Reload Register
no
T2
FE40
H
20
H
GPT1 Timer 2 Register
0000
H
T2CON
b FF40
H
A0
H
GPT1 Timer 2 Control Register
0000
H
T2IC
b FF60
H
B0
H
GPT1 Timer 2 Interrupt Control Register
0000
H
T3
FE42
H
21
H
GPT1 Timer 3 Register
0000
H
T3CON
b FF42
H
A1
H
GPT1 Timer 3 Control Register
0000
H
T3IC
b FF62
H
B1
H
GPT1 Timer 3 Interrupt Control Register
0000
H
T4
FE44
H
22
H
GPT1 Timer 4 Register
0000
H
T4CON
b FF44
H
A2
H
GPT1 Timer 4 Control Register
0000
H
T4IC
b FF64
H
B2
H
GPT1 Timer 4 Interrupt Control Register
0000
H
T5
FE46
H
23
H
GPT2 Timer 5 Register
0000
H
T5CON
b FF46
H
A3
H
GPT2 Timer 5 Control Register
0000
H
T5IC
b FF66
H
B3
H
GPT2 Timer 5 Interrupt Control Register
0000
H
T6
FE48
H
24
H
GPT2 Timer 6 Register
0000
H
T6CON
b FF48
H
A4
H
GPT2 Timer 6 Control Register
0000
H
T6IC
b FF68
H
B4
H
GPT2 Timer 6 Interrupt Control Register
0000
H
TFR
b FFAC
H
D6
H
Trap Flag Register
0000
H
WDT
FEAE
H
57
H
Watchdog Timer Register (read only)
0000
H
WDTCON
FFAE
H
D7
H
Watchdog Timer Control Register
2) 00xx
H
XP0IC
b F186
H
E C3
H
I²C Data Interrupt Control Register
0000
H
XP1IC
b F18E
H
E C7
H
I²C Protocol Interrupt Control Register
0000
H
XP2IC
b F196
H
E CB
H
X-Peripheral 2 Interrupt Control Register
0000
H
XP3IC
b F19E
H
E CF
H
RTC Interrupt Control Register
0000
H
ZEROS
b FF1C
H
8E
H
Constant Value 0’s Register (read only)
0000
H
1) The system configuration is selected during reset.
2) The reset value depends on the indicated reset source.
Table 5
C161PI Registers, Ordered by Name (continued)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com