Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 10Page - Infineon Technologies AG C161PI Datasheet HTML 11Page - Infineon Technologies AG C161PI Datasheet HTML 12Page - Infineon Technologies AG C161PI Datasheet HTML 13Page - Infineon Technologies AG C161PI Datasheet HTML 14Page - Infineon Technologies AG C161PI Datasheet HTML 15Page - Infineon Technologies AG C161PI Datasheet HTML 16Page - Infineon Technologies AG C161PI Datasheet HTML 17Page - Infineon Technologies AG C161PI Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
&3,
Data Sheet
12
1999-07
Note: The following behaviour differences must be observed when the bidirectional reset
is active:
• Bit BDRSTEN in register SYSCON cannot be changed after EINIT and is cleared
automatically after a reset.
• The reset indication flags always indicate a long hardware reset.
• The PORT0 configuration is treated like on a hardware reset. Especially the bootstrap
loader may be activated when P0L.4 is low.
• Pin RSTIN may only be connected to external reset devices with an open drain output
driver.
• A short hardware reset is extended to the duration of the internal reset sequence.
9
DD
6, 23,
37,
47,
65, 75
8, 25,
39,
49,
67, 77
-
Digital Supply Voltage:
+ 5 V or + 3 V during normal operation and idle mode.
≥ 2.5 V during power down mode
9
SS
3, 22,
36,
46,
64, 74
5, 24,
38,
48,
66, 76
-
Digital Ground.
Table 1
Pin Definitions and Functions (continued)
Symbol Pin
Num.
TQFP
Pin
Num.
MQFP
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com