Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 5Page - Infineon Technologies AG C161PI Datasheet HTML 6Page - Infineon Technologies AG C161PI Datasheet HTML 7Page - Infineon Technologies AG C161PI Datasheet HTML 8Page - Infineon Technologies AG C161PI Datasheet HTML 9Page - Infineon Technologies AG C161PI Datasheet HTML 10Page - Infineon Technologies AG C161PI Datasheet HTML 11Page - Infineon Technologies AG C161PI Datasheet HTML 12Page - Infineon Technologies AG C161PI Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
&3,
Data Sheet
7
1999-07
P3
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
P3.15
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
IO
I/O
I/O
I
O
I
I
I
I
I/O
I/O
O
I/O
O
O
I/O
O
O
Port 3 is a 15-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For
a pin configured as input, the output driver is put into
high-impedance state. Port 3 outputs can be
configured as push/pull or open drain drivers. The input
threshold of Port 3 is selectable (TTL or special). The
following Port 3 pins also serve for alternate functions:
SCL0
I2C Bus Clock Line 0
SDA0
I2C Bus Data Line 0
CAPIN
GPT2 Register CAPREL Capture Input
T3OUT
GPT1 Timer T3 Toggle Latch Output
T3EUD
GPT1 Timer T3 External Up/Down Ctrl.Inp
T4IN
GPT1 Timer T4 Count/Gate/Reload/
Capture Input
T3IN
GPT1 Timer T3 Count/Gate Input
T2IN
GPT1 Timer T2 Count/Gate/Reload/
Capture Input
MRST
SSC Master-Rec. / Slave-Trans. Inp/Outp.
MTSR
SSC Master-Trans. / Slave-Rec. Outp/Inp.
T
×D0
ASC0 Clock/Data Output (Async./Sync.)
R
×D0
ASC0 Data Input (Async.) or I/O (Sync.)
BHE
External Memory High Byte Enable Signal,
WRH
External Memory High Byte Write Strobe
SCLK
SSC Master Clock Outp. / Slave Clock Inp.
CLKOUT
System Clock Output (=CPU Clock)
FOUT
Programmable Frequency Output
Note: Pins P3.0 and P3.1 are open drain outputs only.
Table 1
Pin Definitions and Functions (continued)
Symbol Pin
Num.
TQFP
Pin
Num.
MQFP
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com