Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 40Page - Infineon Technologies AG C161PI Datasheet HTML 41Page - Infineon Technologies AG C161PI Datasheet HTML 42Page - Infineon Technologies AG C161PI Datasheet HTML 43Page - Infineon Technologies AG C161PI Datasheet HTML 44Page - Infineon Technologies AG C161PI Datasheet HTML 45Page - Infineon Technologies AG C161PI Datasheet HTML 46Page - Infineon Technologies AG C161PI Datasheet HTML 47Page - Infineon Technologies AG C161PI Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
&3,
Data Sheet
42
1999-07
RSTIN active current
2)
,
RSTL
4)
-100
–
µA
9
IN = 9IL
Read/Write inactive current
5)
,
RWH
3)
–
-10
µA
9
OUT = 2.4 V
Read/Write active current
5)
,
RWL
4)
-500
–
µA
9
OUT = 9OLmax
ALE inactive current
5)
,
ALEL
3)
–20
µA
9
OUT =
9
OLmax
ALE active current
5)
,
ALEH
4)
500
–
µA
9
OUT = 2.4 V
Port 6 inactive current
5)
,
P6H
3)
–
-10
µA
9
OUT = 2.4 V
Port 6 active current
5)
,
P6L
4)
-500
–
µA
9
OUT = 9OL1max
PORT0 configuration current
5)
,
P0H
3)
–-5
µA
9
IN = 9IHmin
,
P0L
4)
-100
–
µA
9
IN = 9ILmax
XTAL1 input current
,
IL
CC
–
±20
µA0 V <
9
IN < 9DD
Pin capacitance
6)
(digital inputs/outputs)
&
IO
CC
–
10
pF
I = 1 MHz
7
A = 25 °C
Power supply current (3V active)
with all peripherals active
,
DD3
–1 +
1.1*
I
CPU
mA
RSTIN =
9
IL2
I
CPU in [MHz]
7)
Idle mode supply current (3V)
with all peripherals active
,
IDX3
–1 +
0.5*
I
CPU
mA
RSTIN =
9
IH1
I
CPU in [MHz]
7)
Idle mode supply current (3V)
with all peripherals deactivated,
PLL off, SDD factor = 32
,
IDO3
8)
–300 +
30*
I
OSC
µARSTIN =
9
IH1
I
OSC in [MHz]
7)
Power-down
mode
supply
current (3V) with RTC running
,
PDR3
8)
–100 +
10*
I
OSC
µA
9
DD = 9DDmax
I
OSC in [MHz]
9)
Power-down
mode
supply
current (3V) with RTC disabled
,
PDO3
–30
µA
9
DD = 9DDmax
9)
1) This specification is not valid for outputs which are switched to open drain mode. In this case the respective
output will float and the voltage results from the external circuitry.
2) These parameters describe the RSTIN pullup, which equals a resistance of ca. 50 to 250 K
Ω.
3) The maximum current may be drawn while the respective signal line remains inactive.
4) The minimum current must be drawn in order to drive the respective signal line active.
5) This specification is only valid during Reset, or during Hold- or Adapt-mode. During Hold mode Port 6 pins are
only affected, if they are used (configured) for CS output and the open drain function is not enabled.
6) Not 100% tested, guaranteed by design characterization.
DC Characteristics (continued) (Reduced Supply Voltage Range)
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com