Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 31Page - Infineon Technologies AG C161PI Datasheet HTML 32Page - Infineon Technologies AG C161PI Datasheet HTML 33Page - Infineon Technologies AG C161PI Datasheet HTML 34Page - Infineon Technologies AG C161PI Datasheet HTML 35Page - Infineon Technologies AG C161PI Datasheet HTML 36Page - Infineon Technologies AG C161PI Datasheet HTML 37Page - Infineon Technologies AG C161PI Datasheet HTML 38Page - Infineon Technologies AG C161PI Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
&3,
Data Sheet
33
1999-07
IDPROG
F078
H
E 3C
H
Identifier
0000
H
ISNC
b F1DE
H
E EF
H
Interrupt Subnode Control Register
0000
H
MDC
b FF0E
H
87
H
CPU Multiply Divide Control Register
0000
H
MDH
FE0C
H
06
H
CPU Multiply Divide Reg. – High Word
0000
H
MDL
FE0E
H
07
H
CPU Multiply Divide Reg. – Low Word
0000
H
ODP2
b F1C2
H
E E1
H
Port 2 Open Drain Control Register
0000
H
ODP3
b F1C6
H
E E3
H
Port 3 Open Drain Control Register
0000
H
ODP6
b F1CE
H
E E7
H
Port 6 Open Drain Control Register
00
H
ONES
b FF1E
H
8F
H
Constant Value 1’s Register (read only)
FFFF
H
P0L
b FF00
H
80
H
Port 0 Low Reg. (Lower half of PORT0)
00
H
P0H
b FF02
H
81
H
Port 0 High Reg. (Upper half of PORT0)
00
H
P1L
b FF04
H
82
H
Port 1 Low Reg. (Lower half of PORT1)
00
H
P1H
b FF06
H
83
H
Port 1 High Reg. (Upper half of PORT1)
00
H
P2
b FFC0
H
E0
H
Port 2 Register
0000
H
P3
b FFC4
H
E2
H
Port 3 Register
0000
H
P4
b FFC8
H
E4
H
Port 4 Register (7 bits)
00
H
P5
b FFA2
H
D1
H
Port 5 Register (read only)
XXXX
H
P5DIDIS
b FFA4
H
D2
H
Port 5 Digital Input Disable Register
0000
H
P6
b FFCC
H
E6
H
Port 6 Register (8 bits)
00
H
PECC0
FEC0
H
60
H
PEC Channel 0 Control Register
0000
H
PECC1
FEC2
H
61
H
PEC Channel 1 Control Register
0000
H
PECC2
FEC4
H
62
H
PEC Channel 2 Control Register
0000
H
PECC3
FEC6
H
63
H
PEC Channel 3 Control Register
0000
H
PECC4
FEC8
H
64
H
PEC Channel 4 Control Register
0000
H
PECC5
FECA
H
65
H
PEC Channel 5 Control Register
0000
H
PECC6
FECC
H
66
H
PEC Channel 6 Control Register
0000
H
PECC7
FECE
H
67
H
PEC Channel 7 Control Register
0000
H
PSW
b FF10
H
88
H
CPU Program Status Word
0000
H
PDCR
F0AA
H
E 55
H
Pin Driver Control Register
0000
H
RP0H
b F108
H
E 84
H
System Startup Config. Reg. (Rd. only)
XX
H
Table 5
C161PI Registers, Ordered by Name (continued)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com