Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 67 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 67 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 63Page - Infineon Technologies AG C161PI Datasheet HTML 64Page - Infineon Technologies AG C161PI Datasheet HTML 65Page - Infineon Technologies AG C161PI Datasheet HTML 66Page - Infineon Technologies AG C161PI Datasheet HTML 67Page - Infineon Technologies AG C161PI Datasheet HTML 68Page - Infineon Technologies AG C161PI Datasheet HTML 69Page - Infineon Technologies AG C161PI Datasheet HTML 70Page - Infineon Technologies AG C161PI Datasheet HTML 71Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
&3,
Data Sheet
65
1999-07
Data hold after WR
W
24
CC
10 +
W
F
–
TCL - 10
+
W
F
–ns
ALE rising edge after RD,
WR
W
26
CC
-10 +
W
F
–
-10 +
W
F
–ns
Address hold after WR
2)
W
28
CC
0 +
W
F
–0 +
W
F
–ns
ALE falling edge to CS
3)
W
38
CC
-4 -
W
A
10 -
W
A
-4 -
W
A
10 -
W
A
ns
CS low to Valid Data In
3)
W
39
SR
–
40 +
W
C + 2WA
–
3TCL - 20
+
W
C + 2WA
ns
CS hold after RD, WR
3)
W
41
CC
6 +
W
F
–
TCL - 14
+
W
F
–ns
ALE falling edge to
RdCS, WrCS (with RW-
delay)
W
42
CC
16 +
W
A
–
TCL - 4
+
W
A
–ns
ALE falling edge to
RdCS, WrCS (no RW-
delay)
W
43
CC
-4 +
W
A
–-4
+
W
A
–ns
RdCS to Valid Data In
(with RW-delay)
W
46
SR
–
16 +
W
C
–
2TCL - 24
+
W
C
ns
RdCS to Valid Data In
(no RW-delay)
W
47
SR
–
36 +
W
C
–
3TCL - 24
+
W
C
ns
RdCS, WrCS Low Time
(with RW-delay)
W
48
CC
30 +
W
C
–
2TCL - 10
+
W
C
–ns
RdCS, WrCS Low Time
(no RW-delay)
W
49
CC
50 +
W
C
–
3TCL - 10
+
W
C
–ns
Data valid to WrCS
W
50
CC
26 +
W
C
–
2TCL - 14
+
W
C
–ns
Data hold after RdCS
W
51
SR
0
–
0–ns
Data float after RdCS
(with RW-delay)
1)
W
53
SR
–
20 +
W
F
–
2TCL - 20
+ 2
W
A + WF
1)
ns
Data float after RdCS
(no RW-delay)
1)
W
68
SR
–
0 +
W
F
–
TCL - 20
+ 2
W
A + WF
1)
ns
Demultiplexed Bus (Standard Supply Voltage Range) (continued)
(Operating Conditions apply)
ALE cycle time = 4 TCL + 2
W
A + WC + WF (80 ns at 25 MHz CPU clock without waitstates)
Parameter
Symbol
Max. CPU Clock
= 25 MHz
Variable CPU Clock
1 / 2TCL = 1 to 25 MHz
Unit
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com