Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 49Page - Infineon Technologies AG C161PI Datasheet HTML 50Page - Infineon Technologies AG C161PI Datasheet HTML 51Page - Infineon Technologies AG C161PI Datasheet HTML 52Page - Infineon Technologies AG C161PI Datasheet HTML 53Page - Infineon Technologies AG C161PI Datasheet HTML 54Page - Infineon Technologies AG C161PI Datasheet HTML 55Page - Infineon Technologies AG C161PI Datasheet HTML 56Page - Infineon Technologies AG C161PI Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
&3,
Data Sheet
51
1999-07
A/D Converter Characteristics
(Operating Conditions apply)
4.0V (2.6V)
≤
9
AREF ≤ 9DD + 0.1V (Note the influence on TUE.)
9
SS - 0.1V ≤ 9AGND ≤ 9SS + 0.2V
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Analog input voltage range
9
AIN
SR
9
AGND
9
AREF
V
1)
1)
9
AIN may exceed 9AGND or 9AREF up to the absolute maximum ratings. However, the conversion result in these
cases will be X000
H or X3FFH, respectively.
Basic clock frequency
I
BC
0.5
6.25
MHz
2)
2) The limit values for
I
BC must not be exceeded when selecting the CPU frequency and the ADCTC setting.
Conversion time
W
C
CC
–40
W
BC +
W
S+2WCPU
3)
W
CPU = 1 / ICPU
3) This parameter includes the sample time
W
S, the time for determining the digital result and the time to load the
result register with the conversion result.
Values for the basic clock
W
BC depend on the conversion time programming.
This parameter depends on the ADC control logic. It is not a real maximum value, but rather a fixum.
Total unadjusted error
TUE CC
4)
4) TUE is tested at
9
AREF=5.0V (3.3V), 9AGND=0V, 9DD=4.9V (3.2V). It is guaranteed by design for all other
voltages within the defined voltage range.
The specified TUE is guaranteed only if an overload condition (see
,
OV specification) occurs on maximum 2 not
selected analog input pins and the absolute sum of input overload currents on all analog input pins does not
exceed 10 mA.
During the reset calibration sequence the maximum TUE may be
±4 LSB (±8 LSB @ 3V).
–
± 2
LSB
9
AREF ≥ 4.0 V
5)
5) This case is not applicable for the reduced supply voltage range.
–
± 4
LSB
9
AREF ≥ 2.6 V
Internal resistance of
reference voltage source
5
AREF SR
–
W
BC / 60
- 0.25
k
Ω
W
BC in [ns]
6) 7)
6) During the conversion the ADC’s capacitance must be repeatedly charged or discharged. The internal
resistance of the reference voltage source must allow the capacitance to reach its respective voltage level
within each conversion step. The maximum internal resistance results from the programmed conversion timing.
7) Not 100% tested, guaranteed by design.
Internal resistance of analog
source
5
ASRC SR
–
W
S / 450
- 0.25
k
Ω
W
S in [ns]
7) 8)
8) During the sample time the input capacitance
&
I can be charged/discharged by the external source. The
internal resistance of the analog source must allow the capacitance to reach its final voltage level within
W
S.
After the end of the sample time
W
S, changes of the analog input voltage have no effect on the conversion result.
Values for the sample time
W
S depend on programming and can be taken from the table below.
ADC input capacitance
&
AIN
CC
–
33
pF
7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com