Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 30Page - Infineon Technologies AG C161PI Datasheet HTML 31Page - Infineon Technologies AG C161PI Datasheet HTML 32Page - Infineon Technologies AG C161PI Datasheet HTML 33Page - Infineon Technologies AG C161PI Datasheet HTML 34Page - Infineon Technologies AG C161PI Datasheet HTML 35Page - Infineon Technologies AG C161PI Datasheet HTML 36Page - Infineon Technologies AG C161PI Datasheet HTML 37Page - Infineon Technologies AG C161PI Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
&3,
Data Sheet
32
1999-07
CC12IC
b FF90
H
C8
H
External Interrupt 4 Control Register
0000
H
CC13IC
b FF92
H
C9
H
External Interrupt 5 Control Register
0000
H
CC14IC
b FF94
H
CA
H
External Interrupt 6 Control Register
0000
H
CC15IC
b FF96
H
CB
H
External Interrupt 7 Control Register
0000
H
CP
FE10
H
08
H
CPU Context Pointer Register
FC00
H
CRIC
b FF6A
H
B5
H
GPT2 CAPREL Interrupt Ctrl. Register
0000
H
CSP
FE08
H
04
H
CPU Code Segment Pointer Register
(8 bits, not directly writeable)
0000
H
DP0L
b F100
H
E 80
H
P0L Direction Control Register
00
H
DP0H
b F102
H
E 81
H
P0H Direction Control Register
00
H
DP1L
b F104
H
E 82
H
P1L Direction Control Register
00
H
DP1H
b F106
H
E 83
H
P1H Direction Control Register
00
H
DP2
b FFC2
H
E1
H
Port 2 Direction Control Register
0000
H
DP3
b FFC6
H
E3
H
Port 3 Direction Control Register
0000
H
DP4
b FFCA
H
E5
H
Port 4 Direction Control Register
00
H
DP6
b FFCE
H
E7
H
Port 6 Direction Control Register
00
H
DPP0
FE00
H
00
H
CPU Data Page Pointer 0 Register (10
bits)
0000
H
DPP1
FE02
H
01
H
CPU Data Page Pointer 1 Reg. (10 bits)
0001
H
DPP2
FE04
H
02
H
CPU Data Page Pointer 2 Reg. (10 bits)
0002
H
DPP3
FE06
H
03
H
CPU Data Page Pointer 3 Reg. (10 bits)
0003
H
EXICON
b F1C0
H
E E0
H
External Interrupt Control Register
0000
H
ICADR
ED06
H
X ---
I²C Address Register
0XXX
H
ICCFG
ED00
H
X ---
I²C Configuration Register
XX00
H
ICCON
ED02
H
X ---
I²C Control Register
0000
H
ICRTB
ED08
H
X ---
I²C Receive/Transmit Buffer
XX
H
ICST
ED04
H
X ---
I²C Status Register
0000
H
IDCHIP
F07C
H
E 3E
H
Identifier
09XX
H
IDMANUF
F07E
H
E 3F
H
Identifier
1820
H
IDMEM
F07A
H
E 3D
H
Identifier
0000
H
Table 5
C161PI Registers, Ordered by Name (continued)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com