Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 45Page - Infineon Technologies AG C161PI Datasheet HTML 46Page - Infineon Technologies AG C161PI Datasheet HTML 47Page - Infineon Technologies AG C161PI Datasheet HTML 48Page - Infineon Technologies AG C161PI Datasheet HTML 49Page - Infineon Technologies AG C161PI Datasheet HTML 50Page - Infineon Technologies AG C161PI Datasheet HTML 51Page - Infineon Technologies AG C161PI Datasheet HTML 52Page - Infineon Technologies AG C161PI Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
&3,
Data Sheet
47
1999-07
The timings listed in the AC Characteristics that refer to TCLs therefore must be
calculated using the minimum TCL that is possible under the respective circumstances.
The actual minimum value for TCL depends on the jitter of the PLL. As the PLL is
constantly adjusting its output frequency so it corresponds to the applied input frequency
(crystal or oscillator) the relative deviation for periods of more than one TCL is lower than
for one single TCL (see formula and figure below).
For a period of
N * TCL the minimum value is computed using the corresponding
deviation D
N:
(
N * TCL)
min = N * TCLNOM - D
N
D
N [ns] = ±(13.3 + N*6.3) / ICPU [MHz],
where
N = number of consecutive TCLs
and 1
≤ N ≤ 40.
So for a period of 3 TCLs @ 25 MHz (i.e.
N = 3): D
3 = (13.3 + 3 * 6.3) / 25 = 1.288 ns,
and (3TCL)
min = 3TCLNOM - 1.288 ns = 58.7 ns (@ ICPU = 25 MHz).
This is especially important for bus cycles using waitstates and e.g. for the operation of
timers, serial interfaces, etc. For all slower operations and longer periods (e.g. pulse train
generation or measurement, lower baudrates, etc.) the deviation caused by the PLL jitter
is neglectible.
Note: For all periods longer than 40 TCL the N=40 value can be used (see figure below).
Figure 12
Approximated Maximum Accumulated PLL Jitter
40
20
10
5
1
±1
±10
±20
N
This approximated formula is valid for
1
≤ 1 ≤ 40 and 10MHz ≤ f
CPU ≤ 25MHz.
±26.5
Max.jitter D1 [ns]
20 MHz
25 MHz
16 MHz
10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com