Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 35Page - Infineon Technologies AG C161PI Datasheet HTML 36Page - Infineon Technologies AG C161PI Datasheet HTML 37Page - Infineon Technologies AG C161PI Datasheet HTML 38Page - Infineon Technologies AG C161PI Datasheet HTML 39Page - Infineon Technologies AG C161PI Datasheet HTML 40Page - Infineon Technologies AG C161PI Datasheet HTML 41Page - Infineon Technologies AG C161PI Datasheet HTML 42Page - Infineon Technologies AG C161PI Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
&3,
Data Sheet
37
1999-07
Operating Conditions
The following operating conditions must not be exceeded in order to ensure correct
operation of the C161PI. All parameters specified in the following sections refer to these
operating conditions, unless otherwise noticed.
Table 7
Operating Condition Parameters
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Standard
digital supply voltage
9
DD
4.5
5.5
V
Active mode,
I
CPUmax = 25 MHz
2.5 1)
1) Output voltages and output currents will be reduced when
9
DD leaves the range defined for active mode.
5.5
V
PowerDown mode
Reduced
digital supply voltage
9
DD
3.0
3.6
V
Active mode,
I
CPUmax = 20 MHz
2.5
1)
3.6
V
PowerDown mode
Digital ground voltage
9
SS
0
V
Reference voltage
Overload current
,
OV
-
±5
mA
Per pin
2) 3)
2) Overload conditions occur if the standard operatings conditions are exceeded, i.e. the voltage on any pin
exceeds the specified range (i.e.
9
OV ! 9DD+0.5V or 9OV  9SS-0.5V). The absolute sum of input overload
currents on all port pins may not exceed 50 mA. The supply voltage must remain within the specified limits.
3) Not 100% tested, guaranteed by design characterization.
Absolute sum of overload
currents
Σ|
,
OV|-
50
mA
3)
External Load
Capacitance
&
L
-
100
pF
Pin drivers in
fast edge mode
(PDCR.BIPEC =
’0’)
-
50
pF
Pin drivers in
reduced edge
mode
(PDCR.BIPEC =
’1’) 3)
Ambient temperature
7
A
0
70
°C
SAB-C161PI...
-40
85
°C
SAF-C161PI...
-40
125
°C
SAK-C161PI...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com