Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 37Page - Infineon Technologies AG C161PI Datasheet HTML 38Page - Infineon Technologies AG C161PI Datasheet HTML 39Page - Infineon Technologies AG C161PI Datasheet HTML 40Page - Infineon Technologies AG C161PI Datasheet HTML 41Page - Infineon Technologies AG C161PI Datasheet HTML 42Page - Infineon Technologies AG C161PI Datasheet HTML 43Page - Infineon Technologies AG C161PI Datasheet HTML 44Page - Infineon Technologies AG C161PI Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
&3,
Data Sheet
39
1999-07
Output low voltage
(all other outputs)
9
OL1 CC
–0.45
V
,
OL = 1.6 mA
Output high voltage
1)
(PORT0, PORT1, Port 4, ALE,
RD, WR, BHE, CLKOUT,
RSTOUT)
9
OH CC
2.4
–
V
,
OH = -2.4 mA
0.9
9
DD
–V
,
OH = -0.5 mA
Output high voltage
1)
(all other outputs)
9
OH1 CC
2.4
–
V
,
OH = -1.6 mA
0.9
9
DD
–V
,
OH = -0.5 mA
Input leakage current (Port 5)
,
OZ1 CC
–
±200
nA
0.45V <
9
IN < 9DD
Input leakage current (all other)
,
OZ2 CC
–
±500
nA
0.45V <
9
IN < 9DD
RSTIN inactive current
2)
,
RSTH
3)
–-10
µA
9
IN = 9IH1
RSTIN active current
2)
,
RSTL
4)
-100
–
µA
9
IN = 9IL
Read/Write inactive current
5)
,
RWH
3)
–-40
µA
9
OUT = 2.4 V
Read/Write active current 5)
,
RWL
4)
-500
–
µA
9
OUT = 9OLmax
ALE inactive current
5)
,
ALEL
3)
–40
µA
9
OUT = 9OLmax
ALE active current
5)
,
ALEH
4)
500
–
µA
9
OUT = 2.4 V
Port 6 inactive current
5)
,
P6H
3)
–-40
µA
9
OUT = 2.4 V
Port 6 active current
5)
,
P6L
4)
-500
–
µA
9
OUT = 9OL1max
PORT0 configuration current
5)
,
P0H
3)
–-10
µA
9
IN = 9IHmin
,
P0L
4)
-100
–
µA
9
IN = 9ILmax
XTAL1 input current
,
IL
CC
–
±20
µA0 V <
9
IN < 9DD
Pin capacitance
6)
(digital inputs/outputs)
&
IO
CC
–
10
pF
I = 1 MHz
7
A = 25 °C
Power supply current (5V active)
with all peripherals active
,
DD5
–1 +
2*
I
CPU
mA
RSTIN =
9
IL2
I
CPU in [MHz]
7)
Idle mode supply current (5V)
with all peripherals active
,
IDX5
–1 +
0.8*
I
CPU
mA
RSTIN =
9
IH1
I
CPU in [MHz]
7)
Idle mode supply current (5V)
with all peripherals deactivated,
PLL off, SDD factor = 32
,
IDO5
8)
–
500 +
50*
I
OSC
µA
RSTIN =
9
IH1
I
OSC in [MHz]
7)
DC Characteristics (Standard Supply Voltage Range) (continued)
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com