Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 36Page - Infineon Technologies AG C161PI Datasheet HTML 37Page - Infineon Technologies AG C161PI Datasheet HTML 38Page - Infineon Technologies AG C161PI Datasheet HTML 39Page - Infineon Technologies AG C161PI Datasheet HTML 40Page - Infineon Technologies AG C161PI Datasheet HTML 41Page - Infineon Technologies AG C161PI Datasheet HTML 42Page - Infineon Technologies AG C161PI Datasheet HTML 43Page - Infineon Technologies AG C161PI Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
&3,
Data Sheet
38
1999-07
Parameter Interpretation
The parameters listed in the following partly represent the characteristics of the C161PI
and partly its demands on the system. To aid in interpreting the parameters right, when
evaluating them for a design, they are marked in column “Symbol”:
CC (Controller Characteristics):
The logic of the C161PI will provide signals with the respective timing characteristics.
SR (System Requirement):
The external system must provide signals with the respective timing characteristics to
the C161PI.
DC Characteristics (Standard Supply Voltage Range)
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Input low voltage XTAL1,
P3.0, P3.1, P6.5, P6.6, P6.7
9
IL1 SR
– 0.5
0.3
V
DD
V–
Input low voltage
(TTL)
9
IL
SR
– 0.5
0.2
9
DD
– 0.1
V–
Input low voltage
(Special Threshold)
9
ILS SR
– 0.5
2.0
V
–
Input high voltage RSTIN
9
IH1 SR
0.6
9
DD
9
DD +
0.5
V–
Input high voltage XTAL1,
P3.0, P3.1, P6.5, P6.6, P6.7
9
IH2 SR
0.7
9
DD
9
DD +
0.5
V–
Input high voltage
(TTL)
9
IH
SR
0.2
9
DD
+ 0.9
9
DD +
0.5
V–
Input high voltage
(Special Threshold)
9
IHS SR
0.8
9
DD
- 0.2
9
DD +
0.5
V–
Input Hysteresis
(Special Threshold)
HYS
400
–
mV
–
Output low voltage
(PORT0, PORT1, Port 4, ALE,
RD, WR, BHE, CLKOUT,
RSTOUT)
9
OL
CC
–
0.45
V
,
OL = 2.4 mA
Output low voltage
(P3.0, P3.1, P6.5, P6.6, P6.7)
9
OL2 CC
–
0.4
V
,
OL2 = 3 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com