Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 8Page - Infineon Technologies AG C161PI Datasheet HTML 9Page - Infineon Technologies AG C161PI Datasheet HTML 10Page - Infineon Technologies AG C161PI Datasheet HTML 11Page - Infineon Technologies AG C161PI Datasheet HTML 12Page - Infineon Technologies AG C161PI Datasheet HTML 13Page - Infineon Technologies AG C161PI Datasheet HTML 14Page - Infineon Technologies AG C161PI Datasheet HTML 15Page - Infineon Technologies AG C161PI Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
&3,
Data Sheet
10
1999-07
RSTIN
76
78
I/O
Reset Input with Schmitt-Trigger characteristics. A low
level at this pin while the oscillator is running resets the
C161PI. An internal pullup resistor permits power-on
reset using only a capacitor connected to
9
SS.
A spike filter suppresses input pulses <10 ns. Input
pulses >100 ns safely pass the filter.
The minimum duration for a safe recognition should be
100 ns + 2 CPU clock cycles.
In bidirectional reset mode (enabled by setting bit
BDRSTEN in register SYSCON) the RSTIN line is
internally pulled low for the duration of the internal
reset sequence upon any reset (HW, SW, WDT).
See note below this table.
Note: To let the reset configuration of PORT0 settle
and to let the PLL lock a reset duration of ca.
1 ms is recommended.
RST
OUT
77
79
O
Internal Reset Indication Output. This pin is set to a low
level when the part is executing either a hardware-, a
software- or a watchdog timer reset. RSTOUT remains
low until the EINIT (end of initialization) instruction is
executed.
NMI
78
80
I
Non-Maskable Interrupt Input. A high to low transition
at this pin causes the CPU to vector to the NMI trap
routine. When the PWRDN (power down) instruction is
executed, the NMI pin must be low in order to force the
C161PI to go into power down mode. If NMI is high,
when PWRDN is executed, the part will continue to run
in normal mode.
If not used, pin NMI should be pulled high externally.
Table 1
Pin Definitions and Functions (continued)
Symbol Pin
Num.
TQFP
Pin
Num.
MQFP
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com