Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 39Page - Infineon Technologies AG C161PI Datasheet HTML 40Page - Infineon Technologies AG C161PI Datasheet HTML 41Page - Infineon Technologies AG C161PI Datasheet HTML 42Page - Infineon Technologies AG C161PI Datasheet HTML 43Page - Infineon Technologies AG C161PI Datasheet HTML 44Page - Infineon Technologies AG C161PI Datasheet HTML 45Page - Infineon Technologies AG C161PI Datasheet HTML 46Page - Infineon Technologies AG C161PI Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
&3,
Data Sheet
41
1999-07
DC Characteristics (Reduced Supply Voltage Range)
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Input low voltage XTAL1,
P3.0, P3.1, P6.5, P6.6, P6.7
9
IL1 SR
– 0.5
0.3
V
DD
V–
Input low voltage
(TTL)
9
IL
SR
– 0.5
0.8
V
–
Input low voltage
(Special Threshold)
9
ILS SR
– 0.5
1.3
V
–
Input high voltage RSTIN
9
IH1 SR
0.6
9
DD
9
DD +
0.5
V–
Input high voltage XTAL1,
P3.0, P3.1, P6.5, P6.6, P6.7
9
IH2 SR
0.7
9
DD
9
DD +
0.5
V–
Input high voltage
(TTL)
9
IH
SR
1.8
9
DD +
0.5
V–
Input high voltage
(Special Threshold)
9
IHS SR
0.8
9
DD
- 0.2
9
DD +
0.5
V–
Input Hysteresis
(Special Threshold)
HYS
250
–
mV
–
Output low voltage
(PORT0, PORT1, Port 4, ALE,
RD, WR, BHE, CLKOUT,
RSTOUT)
9
OL
CC
–
0.45
V
,
OL = 1.6 mA
Output low voltage
P3.0, P3.1, P6.5, P6.6, P6.7
9
OL2 CC
–
0.4
V
,
OL2 = 1.6 mA
Output low voltage
(all other outputs)
9
OL1 CC
–
0.45
V
,
OL = 1.0 mA
Output high voltage
1)
(PORT0, PORT1, Port 4, ALE,
RD, WR, BHE, CLKOUT,
RSTOUT)
9
OH CC
0.9
9
DD
–V
,
OH = -0.5 mA
Output high voltage
1)
(all other outputs)
9
OH1 CC
0.9
9
DD
–V
,
OH = -0.25 mA
Input leakage current (Port 5)
,
OZ1 CC
–
±200
nA
0.45V <
9
IN < 9DD
Input leakage current (all other)
,
OZ2 CC
–
±500
nA
0.45V <
9
IN < 9DD
RSTIN inactive current
2)
,
RSTH
3)
–-10
µA
9
IN = 9IH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com