Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 41Page - Infineon Technologies AG C161PI Datasheet HTML 42Page - Infineon Technologies AG C161PI Datasheet HTML 43Page - Infineon Technologies AG C161PI Datasheet HTML 44Page - Infineon Technologies AG C161PI Datasheet HTML 45Page - Infineon Technologies AG C161PI Datasheet HTML 46Page - Infineon Technologies AG C161PI Datasheet HTML 47Page - Infineon Technologies AG C161PI Datasheet HTML 48Page - Infineon Technologies AG C161PI Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
&3,
Data Sheet
43
1999-07
Figure 9
Idle and Power Down Supply Current as a Function of Oscillator
Frequency
7) The supply current is a function of the operating frequency. This dependency is illustrated in the figure below.
These parameters are tested at
9
DDmax and maximum CPU clock with all outputs disconnected and all inputs
at
9
IL or 9IH.
The oscillator also contributes to the total supply current. The given values refer to the worst case, ie. I
PDRmax.
For lower oscillator frequencies the respective supply current can be reduced accordingly.
8) This parameter is determined mainly by the current consumed by the oscillator. This current, however, is
influenced by the external oscillator circuitry (crystal, capacitors). The values given refer to a typical circuitry
and may change in case of a not optimized external oscillator circuitry.
9) This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 V to
0.1 V or at
9
DD – 0.1 V to 9DD, 9REF = 0 V, all outputs (including pins configured as outputs) disconnected.
I
OSC [MHz]
4
,3'5PD[
8
12
16
,3'2PD[
1500
1250
1000
750
500
250
,,'2PD[
,,'2PD[
,3'5PD[



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com