Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 32Page - Infineon Technologies AG C161PI Datasheet HTML 33Page - Infineon Technologies AG C161PI Datasheet HTML 34Page - Infineon Technologies AG C161PI Datasheet HTML 35Page - Infineon Technologies AG C161PI Datasheet HTML 36Page - Infineon Technologies AG C161PI Datasheet HTML 37Page - Infineon Technologies AG C161PI Datasheet HTML 38Page - Infineon Technologies AG C161PI Datasheet HTML 39Page - Infineon Technologies AG C161PI Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
&3,
Data Sheet
34
1999-07
RTCH
F0D6
H
E 6B
H
RTC High Register
no
RTCL
F0D4
H
E 6A
H
RTC Low Register
no
S0BG
FEB4
H
5A
H
Serial Channel 0 Baud Rate Generator
Reload Register
0000
H
S0CON
b FFB0
H
D8
H
Serial Channel 0 Control Register
0000
H
S0EIC
b FF70
H
B8
H
Serial Channel 0 Error Interrupt Control
Register
0000
H
S0RBUF
FEB2
H
59
H
Serial Channel 0 Receive Buffer Reg.
(read only)
XXXX
H
S0RIC
b FF6E
H
B7
H
Serial Channel 0 Receive Interrupt
Control Register
0000
H
S0TBIC
b F19C
H
E CE
H
Serial Channel 0 Transmit Buffer
Interrupt Control Register
0000
H
S0TBUF
FEB0
H
58
H
Serial Channel 0 Transmit Buffer Reg.
(write only)
0000
H
S0TIC
b FF6C
H
B6
H
Serial Channel 0 Transmit Interrupt
Control Register
0000
H
SP
FE12
H
09
H
CPU System Stack Pointer Register
FC00
H
SSCBR
F0B4
H
E 5A
H
SSC Baudrate Register
0000
H
SSCCON
b FFB2
H
D9
H
SSC Control Register
0000
H
SSCEIC
b FF76
H
BB
H
SSC Error Interrupt Control Register
0000
H
SSCRB
F0B2
H
E 59
H
SSC Receive Buffer
XXXX
H
SSCRIC
b FF74
H
BA
H
SSC Receive Interrupt Control Register
0000
H
SSCTB
F0B0
H
E 58
H
SSC Transmit Buffer
0000
H
SSCTIC
b FF72
H
B9
H
SSC Transmit Interrupt Control Register
0000
H
STKOV
FE14
H
0A
H
CPU Stack Overflow Pointer Register
FA00
H
STKUN
FE16
H
0B
H
CPU Stack Underflow Pointer Register
FC00
H
SYSCON
b
FF12
H
89
H
CPU System Configuration Register
1) 0xx0
H
SYSCON2 b F1D0
H
E E8
H
CPU System Configuration Register 2
0000
H
SYSCON3 b F1D4
H
E EA
H
CPU System Configuration Register 3
0000
H
T14
F0D2
H
E 69
H
RTC Timer 14 Register
no
Table 5
C161PI Registers, Ordered by Name (continued)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com