Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161PI Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 11Page - Infineon Technologies AG C161PI Datasheet HTML 12Page - Infineon Technologies AG C161PI Datasheet HTML 13Page - Infineon Technologies AG C161PI Datasheet HTML 14Page - Infineon Technologies AG C161PI Datasheet HTML 15Page - Infineon Technologies AG C161PI Datasheet HTML 16Page - Infineon Technologies AG C161PI Datasheet HTML 17Page - Infineon Technologies AG C161PI Datasheet HTML 18Page - Infineon Technologies AG C161PI Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
&3,
Data Sheet
13
1999-07
Functional Description
The architecture of the C161PI combines advantages of both RISC and CISC
processors and of advanced peripheral subsystems in a very well-balanced way. The
following block diagram gives an overview of the different on-chip components and of the
advanced, high bandwidth internal bus structure of the C161PI.
Note: All time specifications refer to a CPU clock of 25 MHz
(see definition in the AC Characteristics section).
Figure 4
Block Diagram
(no
internal
ROM)
Instr./Data
3(&
&38 &RUH
Interrupt Bus
Internal
RAM
ÃF7’‡r
Port 2
Port 3
Port 4
Port 1
8
16
16
Data
Data
32
Watchdog
Port 5
6
C161RI V0.1
&38
&&RUH
16
External Instr./Data
16
USART
ASC
Sync.
Channel
(SPI)
SSC
XTAL
15
BRG
BRG
16
Peripheral Data
GPT 1
T 3
T 4
T 2
XRAM
2 KByte
GPT 2
T 6
T 5
I²C-Bus
Interface
16
Interrupt Controller
11 ext. IR
OSC
(input: 16MHz;
prescaler
or direct drive)
External
Bus
(MUX
only) &
XBUS
Control,
CS Logic
(4 CS)
16
8
7
4-
Channel
8-bit
ADC
RTC
Oscillator
(16MHz)
PLL
10-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com