Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 12 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 12 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 10Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 11Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
12/40
8.3.6.MONTHS / CENTURY (address 07h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
07h
Months
C
X
X
10
8
4
2
1
Bit
Symbol
Value
Description
7
C
1)
0
2)
Indicates the century is x
1
Indicates the century is x + 1
6 to 5
X
-
Unused
4 to 0
Months
1 to 12
This register holds the current month coded in BCD format
Months
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
January
C
X
X
0
0
0
0
1
February
C
X
X
0
0
0
1
0
March
C
X
X
0
0
0
1
1
April
C
X
X
0
0
1
0
0
May
C
X
X
0
0
1
0
1
June
C
X
X
0
0
1
1
0
July
C
X
X
0
0
1
1
1
August
C
X
X
0
1
0
0
0
September
C
X
X
0
1
0
0
1
October
C
X
X
1
0
0
0
0
November
C
X
X
1
0
0
0
1
December
C
X
X
1
0
0
1
0
1) This bit may be re-assigned by the user.
2) This bit is toggled when the register Years overflows from 99 to 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com