Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 15 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 15 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 11Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
15/40
8.6.1.TIMER CONTROL (address 0Eh…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0Eh
Timer Control
TE
X
X
X
X
X
TD1
TD0
Bit
Symbol
Value
Description
7
TE
0
1)
Timer is disabled
1
Timer is enabled
6 to 2
X
-
Unused
1 to 0
TD[1:0]
00 to 11
1)
Timer source clock frequency selection
2)
Timer Frequency
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
4096 Hz
X
X
X
X
X
X
0
0
64 Hz
X
X
X
X
X
X
0
1
1 Hz
X
X
X
X
X
X
1
0
1/
60 Hz
X
X
X
X
X
X
1
1
1) Default value.
2) These bits determine the source clock frequency for the countdown timer. When not in use, TD1 / TD0 should be set to 1/60 Hz for power
saving.
8.6.2.TIMER (address 0Fh…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0Fh
Timer
128
64
32
16
8
4
2
1
Bit
Symbol
Value
Description
7 to 0
Timer
00h to FFh
Countdown value = n
Frequency
Clock
Source
n
Period
Countdown
=
Note:
For accurate read back of the countdown value, the I
2C bus clock (SDA) must be operating at a frequency of at
least twice the selected timer clock. Since it is not possible to freeze the countdown timer counter during read back,
it is recommended to read the register twice and check for consistent results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com