Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 7 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 7 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 4Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 5Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 6Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 7Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 10Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 11Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
7/40
5. PIN DESCRIPTION
Symbol
Pin #
Description
C2
C3
VDD
1
2
Positive supply voltage
CLKOUT
2
3
Clock Output pin; push-pull
N.C.
3
8
Not Connected
SCL
4
4
Serial Clock Input pin; requires pull-up resistor
SDA
5
5
Serial Data Input-Output pin; open-drain; requires pull-up resistor
VSS
6
7
Ground
INT
7
6
Interrupt Output pin; open-drain; active LOW
N.C.
8
9
Not Connected
N.C.
9
10
Not Connected
CLKOE
10
1
CLKOUT enable/disable pin; enable is active HIGH; tie to GND when not using CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com