Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 11 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 11 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 7Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 10Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 11Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
11/40
8.3.3.HOURS (address 04h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
04h
Hours
X
X
20
10
8
4
2
1
Bit
Symbol
Value
Description
7 to 6
X
-
Unused
5 to 0
Hours
0 to 23
This register holds the current hours coded in BCD format
8.3.4.DAYS (address 05h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
05h
Days
X
X
20
10
8
4
2
1
Bit
Symbol
Value
Description
7 to 6
X
-
Unused
5 to 0
Days
1 to 31
This register holds the current day coded in BCD format
8.3.5.WEEKDAYS (address 06h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
06h
Weekdays
X
X
20
10
8
4
2
1
Bit
Symbol
Value
Description
7 to 3
X
-
Unused
2 to 0
Weekdays
0 to 6
This register holds the current weekday
Weekdays
1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sunday
X
X
X
X
X
0
0
0
Monday
X
X
X
X
X
0
0
1
Tuesday
X
X
X
X
X
0
1
0
Wednesday
X
X
X
X
X
0
1
1
Thursday
X
X
X
X
X
1
0
0
Friday
X
X
X
X
X
1
0
1
Saturday
X
X
X
X
X
1
1
0
1) Definition may be re-assigned by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com