Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 31 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 31 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
31/40
15.I
2C BUS TIMING CHARACTERISTICS
PARAMETER
1)
SYMBOL
MIN.
TYP.
MAX.
UNIT
SCL clock frequency
fSCL
-
-
400
kHz
Hold time (repeated) START condition
tHD;STA
0.6
-
-
µs
Setup time for repeated START condition
tSU;STA
0.6
-
-
µs
LOW period of SCL clock
tLOW
1.3
-
-
µs
HIGH period of SCL clock
tHIGH
0.6
µs
Bus free time between STOP and START condition
tBUF
1.3
µs
Rise time of both SDA and SCL signals
tr
-
-
0.3
µs
Fall time of both SDA and SCL signals
tf
-
-
0.3
µs
Capacitive load for each bus line
Cb
-
-
400
pF
Data setup time
tSU;DAT
100
-
-
ns
Data hold time
tHD;DAT
0
-
-
ns
Setup time for STOP condition
tSU;STO
0.6
-
-
µs
Spike pulse width
tw(spike)
-
-
50
ns
1) All timing values are valid within the operating supply voltage at ambient temperature and referenced to V
IL and VIH with an input voltage swing
of VSS to VDD.
15.1.TIMING CHART
Note:
The I
2C BUS access time between a START and a START condition or between a START and a STOP condition
to this device must be less than one second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com