Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 14 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 14 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 10Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 11Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
14/40
8.4.4.WEEKDAY ALARM (address 0Ch…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0Ch
Weekday Alarm
AE_W
X
X
X
X
4
2
1
Bit
Symbol
Value
Description
7
AE_W
0
Weekday Alarm in enabled
1
1)
Weekday Alarm is disabled
6 to 3
X
-
Unused
2 to 0
Weekday Alarm
0 to 6
Weekday Alarm information coded in BCD format
1) Default value.
8.5. CLKOUT REGISTER
A programmable square wave output is available at CLKOUT pin. Operation is controlled by the FE bit in register
CLKOUT Frequency and Clock Output Enable pin (CLKOE). To enable CLKOUT, CLKOE pin must be set HIGH.
Frequencies of 32.768 kHz (default), 1024 Hz, 32 Hz and 1 Hz can be generated for use as a system clock,
microcontroller clock, input to a charge pump, or for calibration of the oscillator.
8.5.1.CLKOUT FREQUENCY (address 0Dh…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0Dh
CLKOUT Frequency
FE
X
X
X
X
X
FD1
FD0
Bit
Symbol
Value
Description
7
FE
0
The CLKOUT output is inhibited and set to logic 0
1
1)
The CLKOUT output is activated
6 to 2
X
-
Unused
1 to 0
FD[1:0]
00
1) to 11
CLKOUT Frequency selection
CLKOUT Frequency
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
32.768 kHz
X
X
X
X
X
X
0
0
1024 Hz
X
X
X
X
X
X
0
1
32 Hz
X
X
X
X
X
X
1
0
1 Hz
X
X
X
X
X
X
1
1
1) Default value.
8.6. TIMER REGISTER
The 8-bit countdown timer register at address 0Fh is controlled by the timer control register at address 0Eh. The
Timer Control register determines one of 4 source clock frequencies for the timer (4096 Hz, 64 Hz, 1 sec, or 1/60
Hz) and enables / disables the timer. The timer counts down from a software loaded 8-bit binary value. At the end
of every countdown, the timer sets the Timer Flag TF to logic 1. The TF may only be cleared using the interface.
The generation of interrupts from the timer function is controlled via bit TIE (Control / Status 2 register). If bit TIE is
enabled, the INT pin follows the condition of bit TF. The interrupt may be generated as a pulsed signal every
countdown period or as a permanent active signal which follows the condition of the Timer Flag TF. TI/TP (Control /
Status 2 register) is used for this mode control. When reading the timer, the current countdown value is returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com