Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 4 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 4 Page - MICORO CRYSTAL SWITZERLAND

  RV-8564 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 4Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 5Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 6Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 7Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
4/40
RV-8564
I
2C-Bus Interface Real Time Clock / Calendar Module
1. OVERVIEW
•
RTC module with built-in crystal oscillating at 32.768 kHz
•
400kHz two-wire I
2C interface
•
Wide Interface operating voltage: 1.8 – 5.5 V
•
Wide clock operating voltage: 1.2 – 5.5 V
•
Low power consumption: 250 nA typ @ 3.0V / 25°C
•
Provides year, month, day, weekday, hours, minutes, seconds
•
Alarm and Timer functions
•
Century flag
•
Low voltage detector, internal power on reset
•
Programmable clock output for peripheral devices (32.768 kHz, 1024 Hz, 32 Hz, 1 Hz)
•
I
2C slave address: read A3h, write A2h
•
Available in 2 different small and compact package sizes, RoHS-compliant and 100% leadfree:
C2: 5.0 x 3.2 x 1.2 mm
C3: 3.7 x 2.5 x 0.9 mm
2. GENERAL DESCRIPTION
The RV-8564 is a CMOS real time clock / calendar optimized for low power consumption. A programmable clock
output, interrupt output and voltage low detector are also provided. All address and data are transferred serially via
a two-line bi-directional I
2C bus. Maximum bus speed is 400kbit/sec. The built-in word address register is
incremented automatically after each written or read data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com