Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 21 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 21 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
21/40
9.5. STOP BIT FUNCTION
The function of the STOP bit is to allow an accurate starting of the time circuits. The STOP bit function will cause
the upper part of the prescaler to (F2 to F14) to be held in reset and thus no 1 Hz ticks will be generated. The time
circuits can then be set and will not increment until the STOP bit is released.
The STOP bit function will not affect the 32.768 kHz output on CLKOUT, but will stop the generation of 1024 Hz,
32 Hz and 1 Hz.
The lower two stages of the prescaler (F0 and F1) are not reset and as the I
2C bus is asynchronous to the crystal
oscillator, the accuracy of re-starting the time circuits will be between zero and one 8192 Hz cycle.
OSCILLATOR
1 Hz
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com