Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 17 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 17 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
17/40
9. DETAILED FUNCTIONAL DESCRIPTION
9.1. INTERRUPT OUTPUT
9.1.1.BITS TF AND AF
When an alarm occurs, AF is set to 1. Similarly, at the end of a timer countdown, TF is set to 1. These bits maintain
their value unit overwritten using the interface. If both timer and alarm are required in the application, the source of
the interrupt can be determined by reading these bits. To prevent one flag being overwritten while clearing another,
a logic AND in performed during a write access.
Note:
When bits TIE and AIE are disabled, pin INT will remain high-impedance.
9.1.2.BITS TIE AND AIE
These bits activate or deactivate the generation of an interrupt when TF or AF is asserted respectively. The
interrupt is the logical OR of these two conditions when both AIE and TIE are set.
9.1.3.COUNTDOWN TIMER INTERRUPT
The pulse generator for the countdown timer interrupt uses an internal clock and is dependent on the selected
source clock for the countdown timer and on the countdown value “n”. As a consequence, the width of the interrupt
pulse varies.
INT
operation (bit TI/TP = 1)
1)
Source clock
INT period
n = 1
2)
n > 1
4096 Hz
1/
8192 s
1/
4096 s
64 Hz
1/
128 s
1/
64 s
1 Hz
1/
64 s
1/
64 s
1/
60 Hz
1/
64 s
1/
64 s
1) TF and INT become active simultaneously.
2) n = loaded countdown value. Timer is stopped when n = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com