Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  RV-8564 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 4Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 5Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 6Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 7Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
2/40
TABLE OF CONTENTS
1. OVERVIEW ........................................................................................................................................................ 4
2. GENERAL DESCRIPTION ................................................................................................................................ 4
3. BLOCK DIAGRAM............................................................................................................................................. 5
4. PINOUT .............................................................................................................................................................. 6
5. PIN DESCRIPTION ............................................................................................................................................ 7
6. FUNCTIONAL DESCRIPTION........................................................................................................................... 8
6.1. CLKOUT OUTPUT ..................................................................................................................................... 8
7. DEVICE PROTECTION DIAGRAM ................................................................................................................... 8
8. REGISTER ORGANIZATION ............................................................................................................................ 9
8.1. REGISTER OVERVIEW ............................................................................................................................. 9
8.2. CONTROL REGISTERS ............................................................................................................................ 9
8.2.1. CONTROL / STATUS 1 (address 00h…bits description) ................................................................... 9
8.2.2. CONTROL / STATUS 2 (address 01h…bits description) ................................................................. 10
8.3. TIME AND DATE REGISTERS................................................................................................................ 10
8.3.1. SECONDS (address 02h…bits description) ..................................................................................... 10
8.3.2. MINUTES (address 03h…bits description) ....................................................................................... 10
8.3.3. HOURS (address 04h…bits description) .......................................................................................... 11
8.3.4. DAYS (address 05h…bits description).............................................................................................. 11
8.3.5. WEEKDAYS (address 06h…bits description) ................................................................................... 11
8.3.6. MONTHS / CENTURY (address 07h…bits description) ................................................................... 12
8.3.7. YEARS (address 08h…bits description) ........................................................................................... 13
8.4. ALARM REGISTERS ............................................................................................................................... 13
8.4.1. MINUTE ALARM (address 09h…bits description) ............................................................................ 13
8.4.2. HOUR ALARM (address 0Ah…bits description)............................................................................... 13
8.4.3. DAY ALARM (address 0Bh…bits description) .................................................................................. 13
8.4.4. WEEKDAY ALARM (address 0Ch…bits description) ....................................................................... 14
8.5. CLKOUT REGISTER ............................................................................................................................... 14
8.5.1. CLKOUT FREQUENCY (address 0Dh…bits description) ................................................................ 14
8.6. TIMER REGISTER ................................................................................................................................... 14
8.6.1. TIMER CONTROL (address 0Eh…bits description) ......................................................................... 15
8.6.2. TIMER (address 0Fh…bits description) ............................................................................................ 15
8.7. REGISTER RESET VALUES................................................................................................................... 16
9. DETAILED FUNCTIONAL DESCRIPTION ..................................................................................................... 17
9.1. INTERRUPT OUTPUT ............................................................................................................................. 17
9.1.1. BITS TF AND AF............................................................................................................................... 17
9.1.2. BITS TIE AND AIE ............................................................................................................................ 17
9.1.3. COUNTDOWN TIMER INTERRUPT ................................................................................................ 17
9.2. VOLTAGE LOW DETECTOR AND CLOCK MONITOR ......................................................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com