Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 16 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 16 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
16/40
8.7. REGISTER RESET VALUES
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
Control / Status 1
0
0
0
0
1
0
0
0
01h
Control / Status 2
0
0
0
0
0
0
0
0
02h
Seconds
1
X
X
X
X
X
X
X
03h
Minutes
X
X
X
X
X
X
X
X
04h
Hours
X
X
X
X
X
X
X
X
05h
Days
X
X
X
X
X
X
X
X
06h
Weekdays
X
X
X
X
X
X
X
X
07h
Months / Century
X
X
X
X
X
X
X
X
08h
Years
X
X
X
X
X
X
X
X
09h
Minute Alarm
1
X
X
X
X
X
X
X
0Ah
Hour Alarm
1
X
X
X
X
X
X
X
0Bh
Day Alarm
1
X
X
X
X
X
X
X
0Ch
Weekday Alarm
1
X
X
X
X
X
X
X
0Dh
CLKOUT Frequency
1
X
X
X
X
X
0
0
0Eh
Timer Control
0
X
X
X
X
X
1
1
0Fh
Timer
X
X
X
X
X
X
X
X
Bit positions labeled as “X” are undefined at power-on and unchanged by subsequent resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com