Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 8 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 8 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 4Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 5Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 6Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 7Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 10Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 11Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
8/40
6. FUNCTIONAL DESCRIPTION
The RV-8564 RTC module combines a RTC IC with on chip oscillator together with a 32.768 kHz quartz crystal in a
miniature ceramic package.
The RV-8564 contains sixteen 8-bit registers with an auto-incrementing address register, a frequency divider which
provides the source clock for the Real Time Clock (RTC), a programmable clock output, a timer, a voltage low
detector and a 400 kHz I
2C bus interface.
All 16 registers are designed as addressable 8-bit parallel registers although not all bits are implemented. The first
two registers (memory address 00h and 01h) are used as control and/or status registers. The memory addresses
02h through 08h are used as counters for the clock function (seconds up to year counters). Address locations 09h
through 0Ch contain alarm registers which define the conditions for an alarm. Address 0Dh controls the CLKOUT
output frequency. 0Eh and 0Fh are the timer control and timer registers, respectively.
The seconds, minutes, hours, days, weekdays, months, years as well as the minute alarm, hour alarm, day alarm
and weekday alarm registers are all coded in BCD format.
When one of the RTC counters is read (memory locations 02h through 08h), the contents of all counters are frozen
at the beginning of a read cycle. Therefore, faulty reading of the clock / calendar during a carry condition is
prevented.
6.1. CLKOUT OUTPUT
A programmable square wave is available at the CLKOUT pin. Frequencies of 32.768 kHz, 1024 Hz, 32 Hz and 1
Hz can be generated for use as system clock, microcontroller clock or input to a charge pump. CLKOUT is a CMOS
push-pull output, and if disabled it becomes logic 0.
7. DEVICE PROTECTION DIAGRAM
INT
V
SS
SDA
SCL
CLKOUT
V
DD
CLKOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com