Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 20 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 20 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
20/40
9.4. ALARM FLAG
By clearing the MSB of one or more of the alarm registers AE_x (Alarm Enable), the corresponding alarm
condition(s) are active. When an alarm occurs, AF is set to logic 1. The asserted AF can be used to generate an
interrupt ( INT ). The AF is cleared using the interface.
The registers at addresses 09h through 0Ch contain alarm information. When one or more of these registers is
loaded with a valid minute, hour, day or weekday and its corresponding Alarm Enable bit (AE_x) is logic 0, then that
information is compared with the current minute, hour, day and weekday. When all enabled comparisons first
match, the Alarm Flag (AF in register Control / Status 2) is set to logic 1.
The generation of interrupts from the alarm function is controlled via bit AIE. If bit AIE is enabled, the INT pin
follows the condition of bit AF. AF will remain set until cleared by the interface. Once AF has been cleared it will
only be set again when the time increments to match the alarm condition once more. Alarm registers which have
their AE_x bit at logic 1 are ignored.
1) Only when all enabled alarm settings are matching. It’s only on increment to a matched case that the alarm flag is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com