Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 19 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 19 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
19/40
During read / write operations, the time counting circuits (memory locations 02h through 08h) are blocked, in order
to prevent the following:
•
Faulty writing or reading of the clock and calendar during a carry condition
•
Incrementing the time registers during the read cycle
After this read / write access is completed, the time circuit is released again and any pending request to increment
the time counters that occurred during the read access is serviced. A maximum of 1 request can be stored;
therefore, all accesses must be completed within 1 second.
As a consequence of this method, it is very important to make a read or write access in one go. This means, setting
or reading seconds through years should be made in one single access. Failing to comply with this method, could
result in the time becoming corrupted.
As an example, if the time (seconds through hours) is set in one access, and then, in a second access the date is
set, it is possible that the time may be incremented between the two accesses. A similar problem exists when
reading. A roll over may occur between reads thus giving the minutes from one moment and the hours from the
next.
Recommended method for reading the time:
1. Send a START condition and the slave address for write (A2h)
2. Set the address pointer to 2 (seconds) by sending 02h
3. Send a RE-START condition or STOP followed by START
4. Send the slave address for read (A3h)
5. Read the seconds
6. Read the minutes
7. Read the hours
8. Read the days
9. Read the weekdays
10. Read the century and months
11. Read the years
12. Send a STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com