Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 29 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 29 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
29/40
13.FREQUENCY CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
TYP.
MAX.
UNIT
Frequency precision
∆
F/F
TAMB = +25°C
VDD = 3.0 V
+/-10
+/-20
ppm
Frequency vs. voltage characteristics
∆
F/V
TAMB = +25°C
VDD = 1.8 V to 5.5 V
+/-0.8
+/-1.5
ppm / V
Frequency vs. temperature characteristics
∆
F/FOPR
TREF = +25°C
VDD = 3.0 V
-0.035
ppm/
°C
2 (T
OPR-TO)
2
+/-10%
ppm
Turnover temperature
T0
+25
+/-5
°C
Aging first year max.
VO ∆F/F
At 25°C
+/-3
ppm
Oscillation startup time
II
At 25°C
350
500
ms
CLKOUT duty cycle
δ
CLKOUT
At 25°C
50
40 / 60
%
13.1.FREQUENCY VS. TEMPERATURE CHARACTERISTICS
-180.0
-160.0
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
20.0
-60
-40
-20
0
20
40
60
80
100
T [°C]
-0.035 * (T-T0)
2 ppm (±10%)
T0 = 25°C (±5°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com