Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 9 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 9 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 5Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 6Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 7Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 10Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 11Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
9/40
8. REGISTER ORGANIZATION
8.1. REGISTER OVERVIEW
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
Control / Status 1
TEST1
N
STOP
N
TESTC
N
N
N
01h
Control / Status 2
N
N
N
TI/TP
AF
TF
AIE
TIE
02h
Seconds
VL
40
20
10
8
4
2
1
03h
Minutes
X
40
20
10
8
4
2
1
04h
Hours
X
X
20
10
8
4
2
1
05h
Days
X
X
20
10
8
4
2
1
06h
Weekdays
X
X
X
X
X
4
2
1
07h
Months / Century
C
X
X
10
8
4
2
1
08h
Years
80
40
20
10
8
4
2
1
09h
Minute Alarm
AE_M
40
20
10
8
4
2
1
0Ah
Hour Alarm
AE_H
X
20
10
8
4
2
1
0Bh
Day Alarm
AE_D
X
20
10
8
4
2
1
0Ch
Weekday Alarm
AE_W
X
X
X
X
4
2
1
0Dh
CLKOUT Frequency
FE
X
X
X
X
X
FD1
FD0
0Eh
Timer Control
TE
X
X
X
X
X
TD1
TD0
0Fh
Timer
128
64
32
16
8
4
2
1
Bit positions labeled as “X” are not implemented.
Bit positions labeled as “N” should always be written with logic 0.
8.2. CONTROL REGISTERS
8.2.1.CONTROL / STATUS 1 (address 00h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
Control / Status 1
TEST1
N
STOP
N
TESTC
N
N
N
Bit
Symbol
Value
Description
Reference
7
TEST1
0
1)
Must be set to logic 0 for normal operations
1
Test mode
6
N
0
2)
Default value
5
STOP
0
1)
RTC source clock runs
See section 9.5.
1
RTC divider chain flip-flops are asynchronously set to
logic 0
The RTC clock is stopped (CLKOUT at 32.768 kHz is
still available)
4
N
0
2)
Default value
3
TESTC
0
Must be set to logic 0 for normal operations
1
1)
Test mode
2 to 0
N
000
2)
Default value
1) Default value.
2) Bits labeled as “N” should always be written with logic 0.
Note:
The two bits: TEST1 and TESTC are for device testing. Make sure TEST1 and TESTC are set to 0 during normal
operation. If accidentally set to 1, they may modify the clock data or result in abnormal time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com