Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 39 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 39 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 36Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 37Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 38Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 39Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 40Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
39/40
19.HANDLING PRECAUTIONS FOR CRYSTALS OR MODULES WITH EMBEDDED
CRYSTALS
The built-in tuning-fork crystal consists of pure Silicon Dioxide in crystalline form. The cavity inside the package is
evacuated and hermetically sealed in order for the crystal blank to function undisturbed from air molecules,
humidity and other influences.
Shock and vibration:
Keep the crystal / module from being exposed to excessive mechanical shock and vibration. Micro Crystal
guarantees that the crystal / module will bear a mechanical shock of 5000g / 0.3 ms.
The following special situations may generate either shock or vibration:
Multiple PCB panels - Usually at the end of the pick & place process the single PCBs are cut out with a router.
These machines sometimes generate vibrations on the PCB that have a fundamental or harmonic frequency
close to 32.768 kHz. This might cause breakage of crystal blanks due to resonance. Router speed should be
adjusted to avoid resonant vibration.
Ultrasonic cleaning - Avoid cleaning processes using ultrasonic energy. These processes can damages
crystals due to mechanical resonance of the crystal blank.
Overheating, rework high temperature exposure:
Avoid overheating the package. The package is sealed with a seal ring consisting of 80% Gold and 20% Tin. The
eutectic melting temperature of this alloy is at 280°C. Heating the seal ring up to >280°C will cause melting of the
metal seal which then, due to the vacuum, is sucked into the cavity forming an air duct. This happens when using
hot-air-gun set at temperatures >300°C.
Use the following methods for rework:
•
Use a hot-air- gun set at 270°C.
•
Use 2 temperature controlled soldering irons, set at 270°C, with special-tips to contact all solder-joints from
both sides of the package at the same time, remove part with tweezers when pad solder is liquid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com