Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 32 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 32 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 36Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
32/40
16.RECOMMENDED REFLOW TEMPERATURE (LEADFREE SOLDERING)
Maximum Reflow Conditions in accordance with IPC/JEDEC J-STD-020C “Pb-free”
Temperature Profile
Symbol
Condition
Unit
Average ramp-up rate
(Tsmax to Tp)
3°C / second max
°C / s
Ramp down Rate
Tcool
6°C / second max
°C / s
Time 25°C to Peak Temperature
Tto-peak
8 minutes max
m
Preheat
Temperature min
Tsmin
150
°C
Temperature max
Tsmax
200
°C
Time Tsmin to Tsmax
ts
60 - 180
Sec
Soldering above liquidus
Temperature liquidus
TL
217
°C
Time above liquidus
tL
60 – 150
sec
Peak temperature
Peak Temperature
Tp
260
°C
Time within 5°C of peak temperature
tp
20 - 40
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com