Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-8564 Datasheet(PDF) 28 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 28 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
28/40
11.3.INTERFACE WATCHDOG TIMER
During read/write operations, the time counting circuits are frozen. To prevent a situation where the accessing
device becomes locked and does not clear the interface, the RV-8564 has a built in watchdog timer. Should the
interface be active for more than 1 s from the time a valid slave address is transmitted, then the RV-8564 will
automatically clear the interface and allow the time counting circuits to continue counting.
The watchdog is implemented to prevent the excessive loss of time due to interface access failure e. g. if main
power is removed from a battery backup system during an interface access.
Each time the watchdog period is exceeded, 1 s will be lost from the time counters. The watchdog will trigger
between 1 s and 2 s after receiving a valid slave address.
12.ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
CONDITIONS
MIN.
MAX.
UNIT
Supply voltage
VDD
> GND / < VDD
-0.5
+6.5
V
Input voltage
VI
Input Pin
VSS -0.5
VDD +0.5
V
Output voltage
VO
INT Pin
VSS -0.5
VDD +0.5
V
Supply current
IDD; ISS
VDD Pin
-50
+50
mA
DC Input current
II
-10
+10
mA
DC Output current
IO
-10
+10
mA
Electrostatic discharge voltage
VESD
HBM
1)
-
+/-3500
V
MM
2)
-
+/-250
V
Latch-up current
ILU
All pins
3)
-
100
mA
Operating temperature range
TOPR
-40
+85
°C
Storage temperature range
TSTO
Stored as bare product
-55
+125
°C
1) Pass level; Human Body Model (HBM), according to JESD22-A114.
2) Pass level; Machine Model (MM), according to JESD22-A115.
3) Pass level; latch-up testing, according to JESD78 at maximum ambient temperature (T
amb(max) = +85°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com