Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 203 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 203 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 199Page - National Semiconductor (TI) PC87413 Datasheet HTML 200Page - National Semiconductor (TI) PC87413 Datasheet HTML 201Page - National Semiconductor (TI) PC87413 Datasheet HTML 202Page - National Semiconductor (TI) PC87413 Datasheet HTML 203Page - National Semiconductor (TI) PC87413 Datasheet HTML 204Page - National Semiconductor (TI) PC87413 Datasheet HTML 205Page - National Semiconductor (TI) PC87413 Datasheet HTML 206Page - National Semiconductor (TI) PC87413 Datasheet HTML 207Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
203
www.national.com
9.3.35
Watchdog Configuration Register (WDCFG)
This register contains the enable bits for the watchdog trigger sources. Reset all the bits before writing a new value to the
WDTO register. It is reset by hardware to 00h.
Power Well:VSB
Location:Bank 3, Offset 12h
Type:
R/W
Bit
76543210
Name
SW_WD
_TREN
Reserved
SER2_IRQ
_TREN
SER1_IRQ
_TREN
MS_IRQ
_TREN
KBD_IRQ
_TREN
Reset
00000000
Bit
Description
7
SW_WD_TREN (Software Watchdog Trigger Enable). Enables the event of the software writing a ‘1’ to the
SW_WD_TRG bit in the WDCTL register (see Section 9.3.33) to trigger the watchdog to start a new count.
0: Disable trigger (default)
1: Enable trigger by the SW_WD_TRG bit in the WDCTL register
6-4
Reserved.
3
SER2_IRQ_TREN (Serial Port 2 IRQ, Watchdog Trigger Enable). Enables an active IRQ from the Serial Port
2 to trigger the watchdog to start a new count.
0: Disable trigger (default)
1: Enable trigger by an active IRQ from the Serial Port 2
2
SER1_IRQ_TREN (Serial Port 1 IRQ, Watchdog Trigger Enable). Enables an active IRQ from the Serial Port
1 to trigger the watchdog to start a new count.
0: Disable trigger (default)
1: Enable trigger by an active IRQ from the Serial Port 1
1
MS_IRQ_TREN (Mouse IRQ, Watchdog Trigger Enable). Enables an active IRQ from the mouse interface
section of the KBC module to trigger the watchdog to start a new count.
0: Disable trigger (default)
1: Enable trigger by an active IRQ from the mouse interface section of the KBC module
0
KBD_IRQ_TREN (Keyboard IRQ, Watchdog Trigger Enable). Enables an active IRQ from the keyboard
interface section of the KBC module to trigger the watchdog to start a new count.
0: Disable trigger (default)
1: Enable trigger by an active IRQ from the keyboard interface section of the KBC module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com