Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 207 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 207 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 203Page - National Semiconductor (TI) PC87413 Datasheet HTML 204Page - National Semiconductor (TI) PC87413 Datasheet HTML 205Page - National Semiconductor (TI) PC87413 Datasheet HTML 206Page - National Semiconductor (TI) PC87413 Datasheet HTML 207Page - National Semiconductor (TI) PC87413 Datasheet HTML 208Page - National Semiconductor (TI) PC87413 Datasheet HTML 209Page - National Semiconductor (TI) PC87413 Datasheet HTML 210Page - National Semiconductor (TI) PC87413 Datasheet HTML 211Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
207
www.national.com
9.4.5
PM1 Enable High Register (PM1b_EN_HIGH)
This register contains the eight high bits of the PM1_EN register. The PC8741x devices contain the block ‘b’ instance of the
PM1_EN register. This register belongs to the PM1 Event Group of the ACPI fixed-feature space registers.
PM1_EN register bits that are specified by the ACPI but not implemented in the PC8741x devices have a ‘0’ value. All the imple-
mented enable bits behave according to the Enable Bit definition (the bit is read/write by software) in the ACPI Specification.
Power Well:VSB
Location: Offset 03h
Type:
R/W
Bit
76543210
Name
Reserved
RTC_EN
SLPBTN
_EN
PWRBTN
_EN
Reset
00000000
Bit
Description
7-3
Reserved.
2
RTC_EN (RTC Event Enable). Enables the RTC alarm to generate a power management interrupt (SIOSCI).
This bit is forced to ‘0’ when the RTC_EV_DIS bit in the ACPI_CFG register is reset to ‘0’, disabling any RTC
alarm event.
0: Disable SCI (default)
1: Enable SCI from RTC alarm
1
SLPBTN_EN (Sleep Button Event Enable). Enables Sleep button pressing to generate a power management
interrupt (SIOSCI). This bit is forced to ‘0’ when the SLPBTN_EV_DIS bit in the ACPI_CFG register is reset to
‘0’, disabling any Sleep button event.
0: Disable SCI (default)
1: Enable SCI from Sleep button pressing
0
PWRBTN_EN (Power Button Event Enable). Enables Power button pressing to generate a power management
interrupt (SIOSCI) when the system is in the active state (S0). This bit does not influence SCI generation when
the system is in a sleep state (S1-S5). This bit is forced to ‘0’ when the PWRBTN_EV_DIS bit in the ACPI_CFG
register is reset to ‘0’, disabling any Power button event.
0: Disable SCI (default)
1: Enable SCI from Power button pressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com