Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 205 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 205 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 201Page - National Semiconductor (TI) PC87413 Datasheet HTML 202Page - National Semiconductor (TI) PC87413 Datasheet HTML 203Page - National Semiconductor (TI) PC87413 Datasheet HTML 204Page - National Semiconductor (TI) PC87413 Datasheet HTML 205Page - National Semiconductor (TI) PC87413 Datasheet HTML 206Page - National Semiconductor (TI) PC87413 Datasheet HTML 207Page - National Semiconductor (TI) PC87413 Datasheet HTML 208Page - National Semiconductor (TI) PC87413 Datasheet HTML 209Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
205
www.national.com
9.4.2
PM1 Status Low Register (PM1b_STS_LOW)
This register contains the eight low bits of the PM1_STS register. The PC8741x devices contain the block ‘b’ instance of the
PM1_STS register. This register belongs to the PM1 Event Group of the ACPI fixed-feature space registers.
PM1_STS register bits that are specified by the ACPI but not implemented in the PC8741x devices have a ‘0’ value.
Power Well:VSB
Location: Offset 00h
Type:
RO
9.4.3
PM1 Status High Register (PM1b_STS_HIGH)
This register contains the eight high bits of the PM1_STS register. The PC8741x devices contain the block ‘b’ instance of
the PM1_STS register. This register belongs to the PM1 Event Group of the ACPI fixed-feature space registers.
PM1_STS register bits that are specified by the ACPI but not implemented in the PC8741x devices have a ‘0’ value. All the
implemented status bits behave according to the Sticky Status Bit definition (the bit is set by the HIGH level of the hardware
signal and is only cleared by the software writing ‘1’ to it) in the ACPI Specification.
Power Well:VSB
Location: Offset 01h
Type:
R/W1C
Bit
76543210
Name
Reserved
GBL_STS
BM_STS
Reserved
TMR_STS
Reset
00000000
Bit
Description
7-6
Reserved.
5
GBL_STS (Global Lock Status). Not implemented. Always at ‘0’.
4
BM_STS (Bus Master Status). Not implemented. Always at ‘0’.
3-1
Reserved.
0
TMR_STS (PM Timer Status). Not implemented. Always at ‘0’.
Bit
76543210
Name
WAK_STS
Reserved
Ignored
RTC_STS
SLPBTN
_STS
PWRBTN
_STS
Reset
00000000
Bit
Description
7
WAK_STS (Wake-up Event Status). Indicates that a power management event, enabled to generate SCI, has
occurred. This bit is set only if the system is in a sleep state (S1-S5). Writing ‘1’ while the system is in the
working state (S0), clears this bit; writing ‘0’ is ignored. When the system is in a sleep state (S1-S5) and an
enabled event is active, writing ‘1’ does not clear the WAK_STS bit.
0: Inactive (default)
1: At least one event enabled to SCI was active while the system was in a sleep state (S1-S5), since this bit was
last cleared
6-4
Reserved.
3
Ignored. The data written is ignored; the data read is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com