Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 208 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 208 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 204Page - National Semiconductor (TI) PC87413 Datasheet HTML 205Page - National Semiconductor (TI) PC87413 Datasheet HTML 206Page - National Semiconductor (TI) PC87413 Datasheet HTML 207Page - National Semiconductor (TI) PC87413 Datasheet HTML 208Page - National Semiconductor (TI) PC87413 Datasheet HTML 209Page - National Semiconductor (TI) PC87413 Datasheet HTML 210Page - National Semiconductor (TI) PC87413 Datasheet HTML 211Page - National Semiconductor (TI) PC87413 Datasheet HTML 212Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
208
Revision1.2
9.4.6
PM1 Control Low Register (PM1b_CNT_LOW)
This register contains the eight low bits of the PM1_CNT register. The PC8741x devices contain the block ‘b’ instance of the
PM1_CNT register. This register belongs to the PM1 Control Group of the ACPI fixed-feature space registers.
PM1_CNT register bits that are specified by the ACPI but not implemented in the PC8741x devices have a ‘0’ value.
Power Well:VSB
Location:Offset 00h
Type:
RO
9.4.7
PM1 Control High Register (PM1b_CNT_HIGH)
This register contains the eight high bits of the PM1_CNT register. The PC8741x devices contain the block ‘b’ instance of
the PM1_CNT register. This register belongs to the PM1 Control Group of the ACPI fixed-feature space registers.
PM1_CNT register bits that are specified by the ACPI but not implemented in the PC8741x devices have a ‘0’ value. All the
implemented control bits behave according to the Control bit definition (the bit is read/write by software) and Write-Only Con-
trol Bit definition (the bit is written by software; when read, it returns 0) in the ACPI Specification.
Power Well:VSB
Location: Offset 01h
Type:
Varies per bit
Bit
76543210
Name
Reserved
GBL_RLS
BM_RLD
SCI_EN
Reset
00000000
Bit
Description
7-3
Reserved.
2
GBL_RLS (Global Lock Release). Not implemented. Always at ‘0’.
1
BM_RLD (Bus Master Request Control). Not implemented. Always at ‘0’.
0
SCI_EN (SCI Enable). Not implemented. Always at ‘0’.
Bit
76543210
Name
Reserved
SLP_EN
SLP_TYPx
Ignored
Reserved
Reset
00000000
Bit
Type
Description
7-6
-
Reserved.
5WO
SLP_EN (Sleep Enable). Setting this bit causes the PC8741x device to accept the value of SLP_TYPx
as the system state code. This bit may be set in the same write cycle with a new SLP_TYPx value.
0: Inactive (default)
1: Update the system state code from the SLP_TYPx value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com