Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 214 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 214 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 210Page - National Semiconductor (TI) PC87413 Datasheet HTML 211Page - National Semiconductor (TI) PC87413 Datasheet HTML 212Page - National Semiconductor (TI) PC87413 Datasheet HTML 213Page - National Semiconductor (TI) PC87413 Datasheet HTML 214Page - National Semiconductor (TI) PC87413 Datasheet HTML 215Page - National Semiconductor (TI) PC87413 Datasheet HTML 216Page - National Semiconductor (TI) PC87413 Datasheet HTML 217Page - National Semiconductor (TI) PC87413 Datasheet HTML 218Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
214
Revision1.2
9.4.14
General-Purpose Enable 1 Register 2 (GPE1_EN_2)
This register contains bits 16-23 of the GPE1_EN register. This register belongs to the General-Purpose Event 1 Group of
the ACPI fixed-feature space registers.
The enable bits behave according to the Enable Bit definition (the bit is read/write by software) in the ACPI Specification.
Power Well:VSB
Location: Offset 06h
Type:
R/W
Bit
76543210
Name
PWBT_EVT
_EN
SLBT_EVT
_EN
KBD_EVT3
_EN
KBD_EVT2
_EN
KBD_EVT1
_EN
MS_EVT
_EN
RI2_EVT
_EN
RI1_EVT
_EN
Reset
00000000
Bit
Description
7
PWBT_EVT_EN (Power Button Event Enable). Enables Power button pressing to generate a power
management interrupt (SIOSCI). This bit is similar to the PWRBTN_EN bit in the PM1b_EN_HIGH register. It
should be enabled only if the system does not support the PM1b_EVT register block.
0: Disable SCI (default)
1: Enable SCI from Power button pressing
6
SLBT_EVT_EN (Sleep Button Event Enable). Enables Sleep button pressing to generate a power
management interrupt (SIOSCI). This bit is similar to the SLPBTN_EN bit in the PM1b_EN_HIGH register. It
should be enabled only if the system does not support the PM1b_EVT register block.
0: Disable SCI (default)
1: Enable SCI from Sleep button pressing
5
KBD_EVT3_EN (Keyboard Event 3 Enable). Enables the event of pressing “PM Key 3” (on the keyboard) to
generate a power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI from pressing the “PM Key 3” on the keyboard
4
KBD_EVT2_EN (Keyboard Event 2 Enable). Enables the event of pressing “PM Key 2” (on the keyboard) to
generate a power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI from pressing the “PM Key 2” on the keyboard
3
KBD_EVT1_EN (Keyboard Event 1 Enable). Enables the event of pressing any key, key sequence or “PM Key
1” (on the keyboard) to generate a power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI from pressing a sequence of keys or the “PM Key 1” on the keyboard
2
MS_EVT_EN (Mouse Event Enable). Enables a mouse event identified by the Keyboard/Mouse Wake-up
Detector to generate a power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI from mouse event identified by the Keyboard/Mouse Wake-up Detector
1
RI2_EVT_EN (RI2 Event Enable). Enables a telephone ring received at the Serial Port 2 event, and identified
by the RI Wake-up Detector, to generate a power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI from telephone ring event received at the Serial Port 2
0
RI1_EVT_EN (RI1 Event Enable). Enables a telephone ring received at the Serial Port 1 event, and identified
by the RI Wake-up Detector, to generate a power management interrupt (SIOSCI).
0: Disable event (default)
1: Enable SCI from telephone ring event received at the Serial Port 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com