Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 216 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 216 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 212Page - National Semiconductor (TI) PC87413 Datasheet HTML 213Page - National Semiconductor (TI) PC87413 Datasheet HTML 214Page - National Semiconductor (TI) PC87413 Datasheet HTML 215Page - National Semiconductor (TI) PC87413 Datasheet HTML 216Page - National Semiconductor (TI) PC87413 Datasheet HTML 217Page - National Semiconductor (TI) PC87413 Datasheet HTML 218Page - National Semiconductor (TI) PC87413 Datasheet HTML 219Page - National Semiconductor (TI) PC87413 Datasheet HTML 220Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
216
Revision1.2
9.5
SYSTEM WAKE-UP CONTROL REGISTERS BITMAP
Table 51. Banks 0, 1, 2 and 3 - Common Register Map
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
WK_EVT_SEL
Reserved
WKUPSEL
01h
WK_ST_EN
Reserved
PWBT_EN
_S3I
PWBT_EN
_S45
ONCTL
_EN_S3I
ONCTL
_EN_S45
02h
GPE1_2IRQ
_LOW
PWBT_
EVT_2IRQ
SLBT_
EVT_2IRQ
KBD_EVT3
_2IRQ
KBD_EVT2
_2IRQ
KBD_EVT1
_2IRQ
MS_EVT
_2IRQ
RI2_EVT
_2IRQ
RI1_EVT
_2IRQ
03h
GPE1_2IRQ
_HIGH
SW_OFF
_2IRQ
SW_ON
_2IRQ
Reserved
P12_EVT
_2IRQ
Reserved
04h
GPE1_2SMI
_LOW
PWBT_
EVT_2SMI
SLBT_
EVT_2SMI
KBD_EVT3
_2SMI
KBD_EVT2
_2SMI
KBD_EVT1
_2SMI
MS_EVT
_2SMI
RI2_EVT
_2SMI
RI1_EVT
_2SMI
05h
GPE1_2SMI
_HIGH
SW_OFF
_2SMI
SW_ON
_2SMI
WDO_EVT
_2SMI
Reserved
RTC_EVT
_2SMI
06h
SWCFDIS
Reserved
KBDDIS
MSDIS
SER1DIS
SER2DIS
PARPDIS
FDCDIS
07h
SWCTRIS
Reserved
KBMSTRIS SER1TRIS SER2TRIS PARPTRIS
FDCTRIS
08h
SWC_CTL
SW_OFF
_CTL
SW_ON
_CTL
PWB_OVR
_STS
CROWBAR
_STS
Reserved
SWAP
_KBMS
09h
PWONCTL
WAS
_PFAIL
LAST
_ONCTL
RESUME_MD
LEGACY
_PWBT
CRBAR_TOUT
0Ah
LEDCTL
Reserved
LEDCFG
LEDPOL
Reserved
LEDMOD
0Bh
LEDBLNK
Reserved
LED2BLNK
Reserved
LED1BLNK
0Ch-
0Dh
Reserved
0Eh
BIOSGPR
General-Purpose Scratch
0Fh
BANKSEL
Reserved
BNK_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com