Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 215 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 215 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 211Page - National Semiconductor (TI) PC87413 Datasheet HTML 212Page - National Semiconductor (TI) PC87413 Datasheet HTML 213Page - National Semiconductor (TI) PC87413 Datasheet HTML 214Page - National Semiconductor (TI) PC87413 Datasheet HTML 215Page - National Semiconductor (TI) PC87413 Datasheet HTML 216Page - National Semiconductor (TI) PC87413 Datasheet HTML 217Page - National Semiconductor (TI) PC87413 Datasheet HTML 218Page - National Semiconductor (TI) PC87413 Datasheet HTML 219Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
215
www.national.com
9.4.15
General-Purpose Enable 1 Register 3 (GPE1_EN_3)
This register contains bits 24-31 of the GPE1_EN register. This register belongs to the General-Purpose Event 1 Group of
the ACPI fixed-feature space registers.
The enable bits behave according to the Enable Bit definition (the bit is read/write by software) in the ACPI Specification.
Power Well:VSB
Location:Offset 07h
Type:
R/W
Bit
76543210
Name
SW_OFF
_EN
SW_ON
_EN
WDO_EVT
_EN
MOD_IRQ
_EN
MS_IRQ
_EN
KBD_IRQ
_EN
P12_EVT
_EN
RTC_EVT
_EN
Reset
00000000
Bit
Description
7
SW_OFF_EN (Software Off Event Enable). Enables the event of the software writing a ‘1’ to the
SW_OFF_CTL bit in the SWC_CTL register to generate a power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI from the software writing a ‘1’ to the SW_OFF_CTL bit in the SWC_CTL register
6
SW_ON_EN (Software On Event Enable). Enables the event of the software writing a ‘1’ to the SW_ON_CTL
bit in the SWC_CTL register to generate a power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI from the software writing a ‘1’ to the SW_ON_CTL bit in the SWC_CTL register
5
WDO_EVT_EN (Watchdog Event Enable). Enables an watchdog time-out event to generate a power
management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI from watchdog time-out
4
MOD_IRQ_EN (Modules IRQ Event Enable). Enables an active IRQ from one of the Legacy modules or from
the XIRQ pin (PC87413 and PC87417) to generate a power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI by an active IRQ from one of the Legacy modules or from the XIRQ pin
3
MS_IRQ_EN (Mouse IRQ Event Enable). Enables an IRQ generated by the mouse interface section of the
KBC module to generate a power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI from an IRQ generated by the mouse interface section of the KBC module
2
KBD_IRQ_EN (Keyboard IRQ Event Enable). Enables an IRQ generated by the keyboard interface section of
the KBC module to generate a power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI from an IRQ generated by the keyboard interface section of the KBC module
1
P12_EVT_EN (Port P12 Event Enable). Enables an IRQ by an active high signal generated at the P12 pin to
generate a power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI from an active high signal generated at the P12 pin
0
RTC_EVT_EN (RTC Alarm Event Enable). Enables an RTC alarm to generate a power management interrupt
(SIOSCI). This bit is similar to the RTC_EN bit in the PM1b_EN_HIGH register. It should be enabled only if the
system does not support the PM1b_EVT register block.
0: Disable SCI (default)
1: Enable SCI from RTC alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com