Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF754-R Datasheet(PDF) 55 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 55 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 51Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 52Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 53Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 54Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 55Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 56Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 57Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 58Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 59Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
YMF754
June 28, 1999
-55-
4-4. AC’97 Master Clock
(Fig.5)
Item
Symbol
Min.
Typ.
Max.
Unit
CMCLK Cycle Time
tCMCYC
-
40.69
-
ns
CMCLK High Time
tCMHIGH
8-
-
ns
CMCLK Low Time
tCMLOW
8-
ns
CMCLK Rising Time
tCMR
-4.6
-
ns
CMCLK Falling Time
tCMF
-2.1
-
ns
Note : Top = 0-70°C, PVDD=3.3
±0.3 V, VDD=3.3±0.3 V, CVDD=2.5±0.2 V, LVDD=2.5±0.2 V, C
L=50 pF
t
CMCLK
CMCYC
t
CMF
t
CMR
t
CMHIGH
0.2 VDD3
0.5 VDD3
0.8 VDD3
t
CMLOW
Fig.5: Master Clock timing for AC’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com